Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 5Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 6Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 7Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 8Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 9Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 10Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 11Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 12Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 9 of 142
Oct 31, 2024
RX26T Group
1. Overview
12-bit A/D converter (S12ADH)
(Products with 64 Kbytes of RAM)
 12 bits (4 channels × 2 units, 14 channels × 1 unit)
 12-bit resolution
 Minimum conversion time
0.9 µs per channel (when ADCLK operates at 60 MHz)
 Operating mode
Scan mode (single scan mode, continuous scan mode, or 3 group scan mode)
Group A priority control (only for 3 group scan mode)
 Sample-and-hold function
channel-dedicated sample-and-hold function (unit 0 × 3 channels, unit 1 × 3 channels)
included
 Sampling variable
Sampling time can be set up for each channel.
 Conversion function in order of arbitrarily selected channels (Serial conversion of the
same channel cannot be allowed)
 Double trigger mode (A/D conversion data duplicated)
 Three ways to start A/D conversion
Software trigger, synchronous trigger (MTU, GPTW, TMR, ELC), external trigger
 Prioritization in group scanning can be controlled among group A, B, and C.
 Digital comparison
Method: Comparison to detect voltages above or below thresholds and window
comparison
Measurement: Comparison of two results of conversion or comparison of a value in the
comparison register and a result of conversion
 Self-diagnostic function
 Detection of analog input disconnection
 Event linking by the ELC
 Input signal amplification function by the programmable gain amplifier
(unit 0 × 3 channels, unit 1 × 3 channels)
12-bit A/D converter (S12ADH)
(Products with 48 Kbytes of RAM)
 12 bits (7 channels × 1 unit, 8 channels × 1 unit)
 12-bit resolution
 Minimum conversion time
0.9 µs per channel (when ADCLK operates at 60 MHz)
 Operating mode
Scan mode (single scan mode, continuous scan mode, or 3 group scan mode)
Group A priority control (only for 3 group scan mode)
 Sample-and-hold function
channel-dedicated sample-and-hold function (unit 0 × 3 channels) included
 Sampling variable
Sampling time can be set up for each channel.
 Conversion function in order of arbitrarily selected channels (Serial conversion of the
same channel cannot be allowed)
 Double trigger mode (A/D conversion data duplicated)
 Three ways to start A/D conversion
Software trigger, synchronous trigger (MTU, GPTW, TMR, ELC), external trigger
 Prioritization in group scanning can be controlled among group A, B, and C.
 Digital comparison
Method: Comparison to detect voltages above or below thresholds and window
comparison
Measurement: Comparison of two results of conversion or comparison of a value in the
comparison register and a result of conversion
 Self-diagnostic function
 Detection of analog input disconnection
 Event linking by the ELC
12-bit D/A converter (R12DAb)
 2 channels
 12-bit resolution
 Output voltage: 0 V to AVCC2
 Capable of providing as a reference voltage for comparator
 Event linking by the ELC
Comparator C (CMPCa)
 6 channels
 Function to compare the reference voltage and the analog input voltage
 Reference voltage is selectable from 4 inputs
 Analog input voltage is selectable from 4 inputs
 Digital filtering
Table 1.1
Outline of Specifications (8/9)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com