Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 106Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 107Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 108Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 109Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 110Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 111Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 112Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 113Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 110 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
2.4.5.13
RIIC
Note:
tIICcyc: RIIC internal reference clock (IICφ) cycle
Note 1. The value within parentheses is applicable when the value of the ICMR3.NF[1:0] bits is 11b while the digital filter is enabled by
the setting ICFER.NFE = 1.
Note 2. Cb is the total capacitance of the bus lines.
Note 3. When VCC ≥ 4.5 V, VOLSR.RICVLS = 0
When VCC < 4.5 V, VOLSR.RICVLS = 1
Table 2.39
RIIC Timing
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz,
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.*1
Max.*1
Unit
Test
Conditions*3
RIIC
(Standard-mode,
SMBus)
SCL input cycle time
tSCL
6(12) × tIICcyc + 1300
—
ns
Figure 2.67
SCL input high pulse width
tSCLH
3(6) × tIICcyc + 300
—
SCL input low pulse width
tSCLL
3(6) × tIICcyc + 300
—
SCL, SDA input rise time
tSr
—1000
SCL, SDA input fall time
tSf
—300
SCL, SDA input spike pulse removal time
tSP
0
1(4) × tIICcyc
SDA input bus free time
tBUF
3(6) × tIICcyc + 300
—
Start condition input hold time
tSTAH
tIICcyc + 300
—
Restart condition input setup time
tSTAS
1000
—
Stop condition input setup time
tSTOS
1000
—
Data input setup time
tSDAS
tIICcyc + 50
—
Data input hold time
tSDAH
0—
SCL, SDA capacitive load
Cb*2
—
400
pF
RIIC
(Fast-mode)
SCL input cycle time
tSCL
6(12) × tIICcyc + 600
—
ns
SCL input high pulse width
tSCLH
3(6) × tIICcyc + 300
—
SCL input low pulse width
tSCLL
3(6) × tIICcyc + 300
—
SCL, SDA input rise time
tSr
20 × (External pull-up
voltage/5.5 V)
300
SCL, SDA input fall time
tSf
20 × (External pull-up
voltage/5.5 V)
300
SCL, SDA input spike pulse removal time
tSP
0
1(4) × tIICcyc
SDA input bus free time
tBUF
3(6) × tIICcyc + 300
—
Start condition input hold time
tSTAH
tIICcyc + 300
—
Restart condition input setup time
tSTAS
300
—
Stop condition input setup time
tSTOS
300
—
Data input setup time
tSDAS
tIICcyc + 50
—
Data input hold time
tSDAH
0—
SCL, SDA capacitive load
Cb*2
—
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com