Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2M Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # RZ/G2M
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2M Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button RZ/G2M Datasheet HTML 155Page - Renesas Technology Corp RZ/G2M Datasheet HTML 156Page - Renesas Technology Corp RZ/G2M Datasheet HTML 157Page - Renesas Technology Corp RZ/G2M Datasheet HTML 158Page - Renesas Technology Corp RZ/G2M Datasheet HTML 159Page - Renesas Technology Corp RZ/G2M Datasheet HTML 160Page - Renesas Technology Corp RZ/G2M Datasheet HTML 161Page - Renesas Technology Corp RZ/G2M Datasheet HTML 162Page - Renesas Technology Corp RZ/G2M Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 159 of 169
Jun 30, 2025
Table 3.36.2 HDMI Dot Clock Input (DU_DOTCLKIN1/2) Characteristics
Conditions: VDDQ18 = 1.8 V ± 0.1 V, GND = VSS = 0 V,
Tc = -40 to +115 °C [RZ/G2H, RZ/G2M V1.3],
Ta = -40 to +85 °C [RZ/G2M V3.0, RZ/G2N],
Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N]
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement
conditions
Remarks
Frequency range
fo
25
—
40
MHz
—
—
Frequency tolerance
f_tol
-100
—
100
ppm
—
—
Deterministic jitter
Dj
—
—
0
ps
—
—
RMS jitter
RMSj
—
—
600
fs
100 kHz~5 MHz —
Table 3.36.3 AC Characteristics (DDC Signal for HDMI)
Conditions: VDDQ18 = 1.8 V ± 0.1 V,
GND = VSS = 0 V,
Tc = -40 to +115 °C [RZ/G2H, RZ/G2M V1.3],
Ta = -40 to +85 °C [RZ/G2M V3.0, RZ/G2N],
Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N]
Item
Symbol
Conditons
Min
Typ
Max
Unit
HDSCL Clock Frequency
fHDSCL
Standard mode
—
—
100
kHz
Bus Free Time (stop and start)
tHDSDA_BFtime
4.7
—
—
μs
HDSCL Hold Time (on start)
tHDSCL_HOLD_ST
4.0
—
—
μs
HDSCL Low Width
tL_HDSCL
4.7
—
—
μs
HDSCL High Width
tH_HDSCL
4.0
—
—
μs
HDSCL Setup Time (on start)
tHDSCL_SETUP_ST
4.7
—
—
μs
HDSDA Hold Time
tHDSDA_HOLD
0
—
3.45
μs
HDSDA Setup Time
tHDSDA_SETUP
250
—
—
ns
HDSCL Setup Time
tHDSCL_SETUP
4.0
—
—
μs
Note:
Capacitive load for each bus line (Cb): Max. 400 pF
HDMI0/1_SDA and HDMI0/1_SCL Signals Rising Time (Cb ≤ 300 pF): Max. 1000 ns
HDMI0/1_SDA and HDMI0/1_SCL Signals Falling Time (Cb ≤ 300 pF): Max. 300 ns
Figure 3.36.6 DDC Signals Definition for HDMI
HDMI0/1_SCL
Stop
HDMI0/1_SDA
Start
Start
Stop
tHDSDA_BFtime
tHDSCL_HOLD_ST
tL_HDSCL
1/fHDSCL
tHDSDA_HOLD
tH_HDSCL
tHDSCL_SETUP_ST
tHDSCL_SETUP
tHDSDA_SETUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com