Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2M Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # RZ/G2M
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2M Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button RZ/G2M Datasheet HTML 156Page - Renesas Technology Corp RZ/G2M Datasheet HTML 157Page - Renesas Technology Corp RZ/G2M Datasheet HTML 158Page - Renesas Technology Corp RZ/G2M Datasheet HTML 159Page - Renesas Technology Corp RZ/G2M Datasheet HTML 160Page - Renesas Technology Corp RZ/G2M Datasheet HTML 161Page - Renesas Technology Corp RZ/G2M Datasheet HTML 162Page - Renesas Technology Corp RZ/G2M Datasheet HTML 163Page - Renesas Technology Corp RZ/G2M Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 160 of 169
Jun 30, 2025
3.37 Usage Note
Table 3.37.1 shows the usage notes of some I/O pins when using external pull-up resistor.
Table 3.37.1 Usage notes of I/O pins
I/O Pin
Condition
Module name
product
Usage notes
Remarks
3.3V and 1.8 V
Use of
external
pull-up
resister at
1.8 V
SDHI
RZ/G2H,
RZ/G2M V1.3
RZ/G2M V3.0
RZ/G2N
The following measure 1) or 2) shall
be implemented.
1) VDD or VDDQ18 shall be turned
on after the corresponding pin
voltage, IOV is turned on. The
combinations of power-on
sequence are as follows;
IOV → VDD → VDDQ18
IOV → VDDQ18 → VDD
VDD → IOV → VDDQ18
VDDQ18 → IOV → VDD
2) External pullup resistor shall be
less than or equal to 2.7 KΩ.
*1
SDHI
RZ/G2E
The above 2) shall be implemented.
*2
2.5V
Use of
external
pull-up
resister at
2.5 V
Ethernet AVB-IF
RZ/G2H,
RZ/G2M V1.3
RZ/G2M V3.0
RZ/G2N
External pull-up resister shall be less
than or equal to 9.3 KΩ.
―
Notes: 1. Make sure that POCCTRL0 in PFC is changed when the corresponding pin voltage is used at 1.8 V.
2. Make sure that POCCTRL0 to 2 in PFC are changed when the corresponding pin voltage is used at 1.8 V.
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com