Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2M Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # RZ/G2M
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2M Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button RZ/G2M Datasheet HTML 157Page - Renesas Technology Corp RZ/G2M Datasheet HTML 158Page - Renesas Technology Corp RZ/G2M Datasheet HTML 159Page - Renesas Technology Corp RZ/G2M Datasheet HTML 160Page - Renesas Technology Corp RZ/G2M Datasheet HTML 161Page - Renesas Technology Corp RZ/G2M Datasheet HTML 162Page - Renesas Technology Corp RZ/G2M Datasheet HTML 163Page - Renesas Technology Corp RZ/G2M Datasheet HTML 164Page - Renesas Technology Corp RZ/G2M Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 161 of 169
Jun 30, 2025
3.38 The accuracy of Thermal Sensor Characteristics
The accuracy of the temperature sensors of RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N varies from part number
and accuracy of the temperature sensors is as follows.
Table 3.38.1 Part number and accuracy
Products
Part number
Accuracy of the temperature sensors
RZ/G2H
R8A774E0HA01BN#U0
R8A774E0HA01BN#G0
R8A774E1HA01BN#U0
R8A774E1HA01BN#G0
5.1 to 14.9 ℃ *1 @Tjs = 115 ℃
- 8.0 to -1.8 ℃ *1 @Tjs = - 40 ℃
RZ/G2H
other than the above
± 5℃
RZ/G2M V1.3
R8A774A0HA01BG#U2
R8A774A0HA01BG#G2
R8A774A1HA01BG#U2
R8A774A1HA01BG#G2
4.25 to 12.35 ℃ *1 @Tjs = 115 ℃
- 6.7 to - 0.3 ℃ *1 @Tjs = - 40 ℃
RZ/G2M V3.0
R8A774A2HA01BG#U7
R8A774A2HA01BG#G7
R8A774A3HA01BG#U7
R8A774A3HA01BG#G7
RZ/G2M V1.3
other than the above
± 5℃
RZ/G2M V3.0
other than the above
RZ/G2N
R8A774B0HA01BG#U0
R8A774B0HA01BG#G0
R8A774B1HA01BG#U0
R8A774B1HA01BG#G0
1.8 to 9.8 ℃ *1 @Tjs = 115 ℃
- 5.6 to - 1.8 ℃ *1 @Tjs = - 40 ℃
RZ/G2N
other than the above
± 5℃
Note:
Tjs means output temperature of thermal sensor.
Note.1: Accuracy ranges are reference values. Calculation examples of Tj are shown below (e.g., RZ/G2H).
When Tjs = 115 ℃, the temperature range of Tj is between 100.1 and109.9 ℃.
(Tj = 115 - 14.9 = 100.1 ℃, Tj = 115 - 5.1 = 109.9 ℃)
When Tjs = - 40 ℃, the temperature range of Tj is between - 38.2 and - 32.0 ℃.
(Tj = - 40 + 1.8 = - 38.2 ℃, Tj = - 40 + 8.0 = - 32.0 ℃.)
RZ/G2H
RZ/G2M V3.0
RZ/G2M V1.3
RZ/G2N
RZ/G2E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com