Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25DIP Datasheet(PDF) 14 Page - STMicroelectronics

Part # MK50H25DIP
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25DIP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button MK50H25DIP Datasheet HTML 10Page - STMicroelectronics MK50H25DIP Datasheet HTML 11Page - STMicroelectronics MK50H25DIP Datasheet HTML 12Page - STMicroelectronics MK50H25DIP Datasheet HTML 13Page - STMicroelectronics MK50H25DIP Datasheet HTML 14Page - STMicroelectronics MK50H25DIP Datasheet HTML 15Page - STMicroelectronics MK50H25DIP Datasheet HTML 16Page - STMicroelectronics MK50H25DIP Datasheet HTML 17Page - STMicroelectronics MK50H25DIP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
SECTION 4
PROGRAMMING SPECIFICATION
This section defines the Control and Status Reg-
isters and the memory data structures required to
program the MK50H25.
4.1 Control and Status Registers
There are six Control and Status Registers
(CSR’s) resident within the MK50H25.
The
CSR’s are accessed through two bus address-
able ports, an address port (RAP), and a data
port (RDP), thus requiring only two locations in
the system memory or I/O map.
4.1.1 Accessing the Control & Status Registers
The CSR’s are read (or written) in a two step op-
eration. The address of the CSR is written into the
address port (RAP) during a bus slave transac-
tion. During a subsequent bus slave transaction,
the data being read from (or written into) the data
port (RDP) is read from (or written into) the CSR
selected in the RAP. Once written, the address in
RAP remains unchanged until rewritten or upon a
bus reset. A control I/O pin (ADR) is provided to
distinguish the address port from the data port.
ADR
Port
L Register Data Port (RDP)
H Register Address Port (RAP)
4.1.1.1 Register Address Port (RAP)
00
0000
00
B
M
8
00
0
CSR
<2:0>
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
H
B
Y
E
T
BIT
NAME
DESCRIPTION
15:08
RESERVED
Must be written as zeroes
07
BM8
When set, places chip into 8 bit mode. CSR’s, Init Block, and data transfers are all 8 bit
transfers; this provides compatibility with 8 bitmicroprocessors. When clear, all transfers
are 16 bit transfers. This bit must be set to the same value each time it is written,
changing this bit during normal operation will achieve unexpected results. BM8 is
READ/WRITE and cleared on Bus RESET.
06:04
RESERVED
Must be written as zeroes
03:01
CS3<2:0>
CSR address select bits. READ/WRITE. Selects the CSR to be accessed through the
RDP. RAP is cleared by Bus RESET.
CSR<2:0>
CSR
0
CSR0
1
CSR1
2
CSR2
3
CSR3
4
CSR4
5
CSR5
00
HBYTE
Determines which byte is addressed for 8 bit mode. If set, the high byte of the register
referred to by CSR<2:0> is addressed, otherwise the low byte is addressed. This bit is
only meaningful in 8 bit mode and must be written as zero if BM8=0. HBYTE is
READ/WRITE and cleared on bus reset.
MK50H25
14/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com