Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25DIP Datasheet(PDF) 22 Page - STMicroelectronics

Part # MK50H25DIP
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25DIP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button MK50H25DIP Datasheet HTML 18Page - STMicroelectronics MK50H25DIP Datasheet HTML 19Page - STMicroelectronics MK50H25DIP Datasheet HTML 20Page - STMicroelectronics MK50H25DIP Datasheet HTML 21Page - STMicroelectronics MK50H25DIP Datasheet HTML 22Page - STMicroelectronics MK50H25DIP Datasheet HTML 23Page - STMicroelectronics MK50H25DIP Datasheet HTML 24Page - STMicroelectronics MK50H25DIP Datasheet HTML 25Page - STMicroelectronics MK50H25DIP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
07:00
IADR
The high order 8 bits of the address of the first word (lowest address)
in the Initialization Block. IADR must be written by the Host prior to
issuing an INIT primitive.
4.1.2.4 Control and Status Register 3 (CSR3)
RAP<3:1> = 3
BIT
NAME
DESCRIPTION
15:00
IADR
The low order 16 bits of the address of the first word (lowest address)
in the Initialization Block. Must be written by the Host prior to issuing
an INIT primitive. The Initialization block must begin on an even byte
boundary.
4.1.2.5 Control and Status Register 4 (CSR4)
CSR4 allows redefinition of the bus master interface.
RAP<3:1> = 4
BIT
NAME
DESCRIPTION
15:12
XWD0/1, RWD0/1
These bits enable and determine the timer values for the Transmit and
Receive Watchdog Timers. These timers are independently program-
mable and are reset by any transition on the TCLK and RCLK pins re-
spectively. The Watchdog timers will expire after approximately Wn
SYSCLK cycles (if not reset by transition on TCLK / RCLK pins) and
Provider Primitive 3 will be issued. The following table shows the se-
lections for Wn:
XWD1/RWD1
XWD0/RWD0
Wn
0
0
Disabled
01
2
18
10
2
19
11
2
20
11
ROBA
Setting this bit will cause the MK50H25 to put the first byte of received
data into both the upper and lower bytes of the receive buffer to effec-
tively cause the Receive data to be Odd-Byte Aligned. This feature is
particularly useful for extraction of odd-byte Level 3 headers from re-
ceived frames leaving the remaining data even byte aligned.
10
XHOLD
Setting this bit enables the Transmit FIFO Hold-off mechansim of the
MK50H25. The Transmit FIFO Hold-off watermark is selected along
with the FIFO watermark so as to avoid possible conflicts.
1
5
1
0
1
4
0
9
1
2
1
1
0
8
0
3
0
7
0
2
0
6
0
5
0
4
0
1
0
0
1
3
0
IADR <15:00>
1
5
1
0
1
4
0
9
1
2
1
1
0
8
0
3
0
7
0
2
0
6
0
5
0
4
0
1
0
0
1
3
B
S
W
P
C
B
U
R
S
T
1
:
0
B
S
W
P
D
A
C
O
N
B
C
O
N
F
W
M
B
A
E
B
U
S
R
X
W
D
1
X
W
D
0
R
W
D
1
R
W
D
0
X
H
O
L
D
R
O
B
A
MK50H25
22/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com