Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25DIP Datasheet(PDF) 16 Page - STMicroelectronics

Part # MK50H25DIP
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25DIP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button MK50H25DIP Datasheet HTML 12Page - STMicroelectronics MK50H25DIP Datasheet HTML 13Page - STMicroelectronics MK50H25DIP Datasheet HTML 14Page - STMicroelectronics MK50H25DIP Datasheet HTML 15Page - STMicroelectronics MK50H25DIP Datasheet HTML 16Page - STMicroelectronics MK50H25DIP Datasheet HTML 17Page - STMicroelectronics MK50H25DIP Datasheet HTML 18Page - STMicroelectronics MK50H25DIP Datasheet HTML 19Page - STMicroelectronics MK50H25DIP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
4.1.2 Control and Status Register Definition
4.1.2.1 Control and Status Register 0 (CSR0)
RAP<3:1> = 0
BIT
NAME
DESCRIPTION
15
TDMD
TRANSMIT DEMAND, when set, causes the MK50H25 access the
Transmit Descriptor Ring without waiting for the Transmit poll time in-
terval to lapse. TDMD need not be set to transmit a frame, it merely
hastens the MK50H25’s response to a Transmit Descriptor Ring entry
insertion by the host. TDMD is written with ONE ONLY and cleared by
the MK50H25 microcode after it is used. It may read as a ”1” for a
short time after it is written because the microcode may have been
busy when TDMD was set. It is also cleared by Bus RESET. Writing a
”0” in this bit has no effect.
14
STOP
STOP, when set, indicates that MK50H25 is operating in the Stopped
phase of operation. All external activity is disabled and internal logic is
reset. MK50H25 remains inactive except for primitive processing until
a START primitive is issued. STOP IS READ ONLY and set by Bus
RESET or a STOP primitive. Writing to this bit has no effect.
13
DTX
Disable Transmitter ring prevents the MK50H25 from further access to
the Transmitter Descriptor Ring. No transmissions are attempted after
finishing transmission of any frame in transmission at the time of DTX
being set. TXON acknowledges changes to DTX, see below. DTX is
READ/WRITE.
12
DRX
Disable the Receiver prevents the MK50H25 from further access to the
Receiver Descriptor Ring. No received frames are accepted after fin-
ishing reception of any frame in reception at the time of DRX being set.
If DRX is set while a data link is established, the MK50H25 will go into
the Local Busy state and will send an RNR response frame to the re-
mote station. Upon clearing DRX the MK50H25 will send a RR re-
sponse frame. RXON acknowledges changes to DRX, see description
of RXON. DRX is READ/WRITE.
11
TXON
TRANSMITTER ON indicates that the transmit ring access is enabled.
TXON is set as the Start primitive is issued if the DTX bit is ”0” or after-
ward as DTX is cleared. TXON is cleared upon recognition of DTX be-
ing set, by sending a Stop primitive in CSR1, or by a Bus RESET. If
TXON is clear, the host may modify the Transmit Descriptor Ring en-
tries regardless of the state of the OWNA bits. TXON is READ ONLY;
writing to this bit has no effect.
10
RXON
RECEIVER ON indicates that the receive ring access is enabled.
RXON is set as the Start primitive is issued if the DRX bit is ”0” or after-
ward as DRX is cleared.
RXON is cleared upon recognition of DRX
being set, by sending a Stop primitive in CSR1, or by a Bus RESET. If
RXON is clear, the host may modify the Receive Descriptor Ring en-
tries regardless of the state of the OWNA bits. RXON is READ ONLY;
writing to this bit has no effect.
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
0
R
I
N
T
T
I
N
T
P
I
N
T
T
U
R
M
I
S
S
M
E
R
R
R
O
R
I
N
T
R
R
X
O
N
T
X
O
N
I
N
E
A
S
T
O
P
D
T
X
D
R
X
P
T
D
M
D
MK50H25
16/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com