Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25DIP Datasheet(PDF) 35 Page - STMicroelectronics

Part # MK50H25DIP
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25DIP Datasheet(HTML) 35 Page - STMicroelectronics

Back Button MK50H25DIP Datasheet HTML 31Page - STMicroelectronics MK50H25DIP Datasheet HTML 32Page - STMicroelectronics MK50H25DIP Datasheet HTML 33Page - STMicroelectronics MK50H25DIP Datasheet HTML 34Page - STMicroelectronics MK50H25DIP Datasheet HTML 35Page - STMicroelectronics MK50H25DIP Datasheet HTML 36Page - STMicroelectronics MK50H25DIP Datasheet HTML 37Page - STMicroelectronics MK50H25DIP Datasheet HTML 38Page - STMicroelectronics MK50H25DIP Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
4.2.9 Error Counters Seven locations in the Initialization buffer are reserved for use as error counters
which the MK50H25 will increment. These counters are intended for use by the host CPU for statistical
analysis. The MK50H25 will only increment the counters; it is up to the user to clear and preset them.
The error counters are:
Memory Address
Error Counter
IADR + 44
Bad Frames Received
- Bad FCS
- Non-Octet Aligned
IADR + 46
Number of FRMR frames received.
IADR + 48
Number of T1 timeouts.
IADR + 50
Number of REJ frames received.
IADR + 52
Number of REJ frames transmitted.
IADR + 54
Frames shorter than minimum length received.
IADR + 56
Number of Aborted frames received. Enabled only if FCSER = 1
IADR + 58 thru IADR + 60
Reserved. Must be programmed as zeroes only if EIBEN = 1.
4.3 Receive and Transmit Descriptor Rings
Each descriptor ring in memory is a 4 word entry. The following is the format of the receive and transmit
descriptors.
4.3.1 Receive Message Descriptor Entry
4.3.1.1 Receive Message Descriptor 0 (RMD0)
BIT
NAME
DESCRIPTION
15
OWNA
When this bit is a zero either the HOST or the I/O ACCELERATION
PROCESSOR owns this descriptor.
When this bit is
a
one
the
MK50H25 owns this descriptor. The chip clears the OWNA bit af-
ter filling the buffer pointed to by the descriptor entry provided a valid
frame has been received. The Host sets the OWNA bit after emp-
tying the buffer.
Once the MK50H25,
Host, or I/O acceleration
processor has relinquished ownership of a buffer, it may not change
any field in the four words that comprise the descriptor entry.
14
OWNB
This bit determines whether the HOST or a Slave Processor or Process
owns the buffer when OWNA is a zero.
The MK50H25 never uses
this bit.
13
SLF
Start of Long Frame indicates that this is the first buffer used by the
MK50H25 for this frame. It is used for data chaining buffers. SLF is
set by the MK50H25.
NOTE: A ”Long Frame” is any frame which
needs chaining.
12
ELF
End of Long Frame indicates that this the last buffer used by MK50H25
for this frame. It is used for data chaining buffers. If both SLF and ELF
were set, the frame would fit into one buffer and no data chaining
would be required. ELF is set by the MK50H25.
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
RBADR<23:16>
A
R
D
R
O
W
N
A
O
W
N
B
F
R
M
R
R
R
P
F
S
L
F
E
L
F
U
I
R
MK50H25
35/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com