Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25DIP Datasheet(PDF) 23 Page - STMicroelectronics

Part # MK50H25DIP
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25DIP Datasheet(HTML) 23 Page - STMicroelectronics

Back Button MK50H25DIP Datasheet HTML 19Page - STMicroelectronics MK50H25DIP Datasheet HTML 20Page - STMicroelectronics MK50H25DIP Datasheet HTML 21Page - STMicroelectronics MK50H25DIP Datasheet HTML 22Page - STMicroelectronics MK50H25DIP Datasheet HTML 23Page - STMicroelectronics MK50H25DIP Datasheet HTML 24Page - STMicroelectronics MK50H25DIP Datasheet HTML 25Page - STMicroelectronics MK50H25DIP Datasheet HTML 26Page - STMicroelectronics MK50H25DIP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
09:08
FWM
These bits define the FIFO watermarks. FIFO watermarks prevent the
MK50H25 from performing DMA transfers to/from the data buffers until
the FIFOs contain a minimum amount of data or space for data. For re-
ceive, data will only be transferred to the buffers after the FIFO has at
least N 16-bit words or end of frame has been reached. Conversely, for
transmit, data will only be transferred from the data buffers when the
transmit FIFO has room for at least N words of data. The Transmit
Threshold FIFO Watermark is also defined by these bits. If enabled by
setting XHOLD=1, the transmitter will be held-off from transmitting a
new frame until the transmit FIFO has at least N words of data, or the
entire frame has been placed in the FIFO. The N is defined as follows:
FWM<1:0>
FWM N
XHOLD N
11
Not Allowed
Not Allowed
* Suggested setting
10*
9 words
19 words
01
17 words
11 words
00
25 words
3 words
07
BAE
Bus Address Enable: If BAE is set, the A23-A20 pins are driven by the
MK50H25 constantly providing the ability to use A23-A20 for memory
bus selection. If clear, A23-A20 behave identically to A19- A16.
06
BUSR
If this bit is set, pin 15 becomes input BUSREL. If this bit is clear
then pin 15 is either BM0 or BYTE depending on bit 00. For more in-
formation see the description for pin 15 in this document. BUSR is
READ/WRITE and cleared on bus Reset.
05
BSWPC
This bit determines the byte ordering of all ”non-data” DMA transfers.
This transfers refers to any DMA transfers that access memory other
than the data buffers themselves. This includes the Initialization Block,
Descriptors, and Status Buffer. It has no effect on data DMA transfers.
BSWPC allows the MK50H25 to operate with memory organizations
that have bits 07:00 at even addresses and with bits 15:08 at odd ad-
dressses or vice versa. BSWPC is Read/Write and cleared by BUS
RESET.
With BSWPC = 1:
Address
Address
With BSWPC = 0:
Address
Address
04:03
BURST
This field determines the maximum number of data transfers performed
each time control of the host bus is obtained. BURST is READ/WRITE
and cleared on bus Reset.
* Suggested setting
02
BSWPD
This bit determines the byte ordering of all data DMA transfers.
Data transfers are those to or from a data buffer. BSWPD has no ef-
fect on non-data transfers. The effect of BSWPD on data transfers is
the same
as
that
of
BSWPC on non-data transfers
(see
above). For most applications, this bit should be set.
XX0
0
. . .
7
8. . .
15
XX0
XX1
0
. . .
7
8. . .
15
XX1
BURST <1:0>
8 bit mode
16 bit mode
00
2 bytes
1 words
10*
16 bytes
8 words
01
unlimited
unlimited
MK50H25
23/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com