Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25DIP Datasheet(PDF) 40 Page - STMicroelectronics

Part # MK50H25DIP
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25DIP Datasheet(HTML) 40 Page - STMicroelectronics

Back Button MK50H25DIP Datasheet HTML 36Page - STMicroelectronics MK50H25DIP Datasheet HTML 37Page - STMicroelectronics MK50H25DIP Datasheet HTML 38Page - STMicroelectronics MK50H25DIP Datasheet HTML 39Page - STMicroelectronics MK50H25DIP Datasheet HTML 40Page - STMicroelectronics MK50H25DIP Datasheet HTML 41Page - STMicroelectronics MK50H25DIP Datasheet HTML 42Page - STMicroelectronics MK50H25DIP Datasheet HTML 43Page - STMicroelectronics MK50H25DIP Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
MK50H25 STATUS BUFFER
FIELD
DESCRIPTION
V(r)
Current value of the Receive Count Variable. 0 < V(r) < 7
(0 < V(r) < 127 for extended control).
V(s)
Current value of the Transmit Count Variable. 0 < V(s) < 7
(0 < V(s) < 127 for extended control).
V(A)
Current value of Transmit Acknowledge Count. This field contains the
value of the N(r) of the most recently received S or I frame.
The
modulo difference between V(A) and V(s) determines the number of
outstanding I frames that have not been acknowledged by the remote
station.
LOCAL STATE
Indicates the current state of operation for the local (secondary) station.
0:
Normal Data Transfer State
1:
Local Busy State
2:
REJ Sent State
3:
DISC Sent State
4:
Normal Disconnected State
5:
SABM/E sent for link connection
6:
FRMR Sent State
7:
SABM/E sent for link reset
8:
Error Indication issued
REMOTE STATE
Indicates the current state of operation for the remote station.
0:
Remote Not Busy
1:
Remote Busy
PHASE
Indicates the current phase of operation for the local station.
-1:
Stopped, TD is held at 1’s, RD is ignored
0:
Information Transfer State
1:
Disconnected Phase, TD transmits flags
2:
Resetting Phase
3:
Transparent Data Transfer Phase
4:
MERR reset phase
Revision Indicator
Indicates Firmware Revision of the device. This closely corresponds
to the ”REV XXX” label branded on the package of the device.
CURRD<23:0>
Current Receive Descriptor. This pointer indicates the position of the
descriptor for the next receive buffer to be filled.
CURRXD<23:0>
Current Transmit Descriptor. This pointer indicates the position of the
descriptor for the next transmit buffer to be transmitted.
4.4 Detailed Programming Procedures
4.4.1 Initialization (Reading of Initialization Block)
The following procedure should be followed to intialize the MK50H25:
1. Setup bus control information in CSR4.
2. Setup the Initialization Block and Desciptor Rings.
3. Load the address of the initialization block information into CSR’s 2 and 3.
4. Issue the INIT primitive through CSR1 (write 4200H to CSR1) instructing the MK50H25 to read the
initialization block pointed to by CSR’s 2 and 3.
5. Wait for the INIT confirmation primitive (CSR1 = 0242H) from the MK50H25.
Then clear the PAV bit in CSR1 (write 0040H to CSR1).
6. Issue the Start primitive through CSR1 (write 4300H to CSR1).
Flags will now be continously transmitted.
7. Enable interrupts in CSR0 if desired.
MK50H25
40/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com