Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25DIP Datasheet(PDF) 38 Page - STMicroelectronics

Part # MK50H25DIP
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25DIP Datasheet(HTML) 38 Page - STMicroelectronics

Back Button MK50H25DIP Datasheet HTML 34Page - STMicroelectronics MK50H25DIP Datasheet HTML 35Page - STMicroelectronics MK50H25DIP Datasheet HTML 36Page - STMicroelectronics MK50H25DIP Datasheet HTML 37Page - STMicroelectronics MK50H25DIP Datasheet HTML 38Page - STMicroelectronics MK50H25DIP Datasheet HTML 39Page - STMicroelectronics MK50H25DIP Datasheet HTML 40Page - STMicroelectronics MK50H25DIP Datasheet HTML 41Page - STMicroelectronics MK50H25DIP Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
11
TUI
Transmit a UI frame indicates that a UI frame is to be transmitted from
the transmit buffer instead of a normal I frame. This bit must be set
for anything transmitted in Transparent Mode.
10
TINTD
Transmit Interrupt Disable. If this bit is set, no transmit interrupt is
generated when ownership of this descriptor is released back to the
host.
09
0
Reserved, must be written as zeroes.
08
XPF
Transmit P/F bit instructs the MK50H25 to send the corresponding frame
with the respective value for the P/F bit. This bit is valid is valid only for
UI, XID and TEST frames and should be written zero otherwise.
07:00
TBADR
The High Order 8 address bits of the buffer pointed to by this descriptor.
This field is written by the Host and unchanged by MK50H25.
4.3.2.2 Transmit Message Descriptor 1 (TMD1)
BIT
NAME
DESCRIPTION
15:00
TBADR
The Low Order 16 address bits of the buffer pointed to by this descriptor.
TBADR is written by the Host and unchanged by MK50H25. The least
significant bit is zero since the descriptor must be word aligned.
4.3.2.3 Transmit Message Descriptor 2 (TMD2)
BIT
NAME
DESCRIPTION
15:00
BCNT
Buffer Byte Count is the usable length of the buffer pointed to by this
descriptor expressed in two’s complement. This field is not used by
the MK50H25.
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
TBADR<15:00>
0
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
BCNT<15:00>
MK50H25
38/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com