Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25DIP Datasheet(PDF) 27 Page - STMicroelectronics

Part # MK50H25DIP
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25DIP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button MK50H25DIP Datasheet HTML 23Page - STMicroelectronics MK50H25DIP Datasheet HTML 24Page - STMicroelectronics MK50H25DIP Datasheet HTML 25Page - STMicroelectronics MK50H25DIP Datasheet HTML 26Page - STMicroelectronics MK50H25DIP Datasheet HTML 27Page - STMicroelectronics MK50H25DIP Datasheet HTML 28Page - STMicroelectronics MK50H25DIP Datasheet HTML 29Page - STMicroelectronics MK50H25DIP Datasheet HTML 30Page - STMicroelectronics MK50H25DIP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
4.2.1 Mode Register
The Mode Register allows alteration of the MK50H25’s operating parameters.
BIT
NAME
DESCRIPTION
15:11
MFS<4:0>
Minimum Frame Spacing defines the minimum number of flag
sequences transmitted
between adjacent frames transmitted by the
MK50H25. This only affects frames transmitted by the MK50H25
and does not restrict the spacing of the frames received by the
MK50H25.
When
using RTS/CTS control this field defines the
number of flags
transmitted at the beginning of the frame after
CTS is driven low (minus one for the trailing flag). See the following
table for encoding of this field.
10
EXTCF
Extended Control Force. If set along with EXTC, the receiver will assume
the control field to be two octets long regardless of the first two bits of
the control field. See EXTC below.
09
EXTAF
Extended Address Force. If set along with EXTA, the receiver will
assume the address to be two otets long regardless of the first bit of
the address. See EXTA below.
08
DACE
Address and control field extraction are disabled when DACE is set
Address and control fields are treated as data and placed in memory
as such. DACE must be written with ”1” for normal transparent data
transfer operation, but can be set to ”0” for doing address and control
field filtering.
07
EXTC
Extended Control Field filtering is enabled when EXTC = 1 if DACE = 0
and PROM = 0 (PROM is in CSR2).
06
EXTA
Extended Address Field filtering is enabled when EXTA = 1 if DACE = 0
and PROM = 0 (PROM is in CSR2).
05
DRFCS
Disable Receiver FCS (CRC). When DRFCS = 0, the receiver will extract
and check the FCS field at the end of each frame. When DRFCS = 1,
the receiver continues to extract the last 16 or 32 bits of each frame,
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
LBACK
<2:0>
MFS
<4:0>
F
E
X
T
C
E
X
T
A
F
D
A
C
E
E
X
T
C
E
X
T
A
IADR + 00
C
S
S
F
D
R
F
C
S
D
T
F
C
S
NUMBER OF FLAGS
MFS<4:0>
NUMBER OF FLAGS
MFS<4:0>
1
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
1
0
2
4
9
18
5
11
22
12
25
19
7
15
31
30
32
34
36
38
40
42
44
46
48
50
52
54
56
58
60
62
28
24
17
3
6
13
27
23
14
29
26
21
10
20
8
16
MK50H25
27/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com