Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25DIP Datasheet(PDF) 34 Page - STMicroelectronics

Part # MK50H25DIP
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25DIP Datasheet(HTML) 34 Page - STMicroelectronics

Back Button MK50H25DIP Datasheet HTML 30Page - STMicroelectronics MK50H25DIP Datasheet HTML 31Page - STMicroelectronics MK50H25DIP Datasheet HTML 32Page - STMicroelectronics MK50H25DIP Datasheet HTML 33Page - STMicroelectronics MK50H25DIP Datasheet HTML 34Page - STMicroelectronics MK50H25DIP Datasheet HTML 35Page - STMicroelectronics MK50H25DIP Datasheet HTML 36Page - STMicroelectronics MK50H25DIP Datasheet HTML 37Page - STMicroelectronics MK50H25DIP Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
14:12
TLEN
TRANSMIT RING LENGTH is the number of entries in the Transmit
Ring expressed as a power of two.
TLEN
NUMBER
OF
ENTRIES
TWD
WINDOW SIZE
EXTC = 0
EXTC = 1
0
1
2
3
4
5
6
7
1
2
4
8
16
32
64
128
0
1
2
3
4
5
6
7
NA
1
2
3
4
5
6
7
1
3
7
15
31
63
127
127
11
0
Reserved, must be written as a zero.
10:08
TWD
Transmit Window is the window size of the Transmitter expressed as a
power of two less one. TWD is the maximum number of I frames which
may be transmitted without an acknowledgement. TWD is not allowed
to be greater than 127. For Transparent Mode set TWD = 1 or more.
07:00/15:00
TDRA
TRANSMIT DESCRIPTOR RING ADDRESS is the base address
(lowest address) of the Transmit Descriptor Ring. The Transmit De-
scriptor Ring Address must begin on a word boundary.
4.2.7 XID/TEST Descriptors
The XID/TEST Descriptors contain pointers to the buffers used to receive and transmit XID, and TEST
frames, as well as buffer lengths. The exact format of these descriptors can be seen in the following Re-
ceive and Transmit Message Descriptor Entry descriptions. They are used the same as other descriptors
except that no data chaining is allowed (i.e., SLF and ELF must be set to 1).
4.2.8 Status Buffer Address
BIT
NAME
DESCRIPTION
15:08
0
Reserved, must be written as zeroes.
07:00/15:00
SBA
STATUS BUFFER ADDRESS points to a 7 word status
buffer into which status information is placed upon the issuance of the
Status Request primitive by the HOST. The status buffer must begin
on a word boundary.
1
5
1
4
1
3
0
7
0
8
0
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
IADR + 40
IADR + 42
SBA<15:00>
SBA<23:16>
0
N2
(If CSR2 EIBEN =1)
MK50H25
34/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com