Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25DIP Datasheet(PDF) 37 Page - STMicroelectronics

Part # MK50H25DIP
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25DIP Datasheet(HTML) 37 Page - STMicroelectronics

Back Button MK50H25DIP Datasheet HTML 33Page - STMicroelectronics MK50H25DIP Datasheet HTML 34Page - STMicroelectronics MK50H25DIP Datasheet HTML 35Page - STMicroelectronics MK50H25DIP Datasheet HTML 36Page - STMicroelectronics MK50H25DIP Datasheet HTML 37Page - STMicroelectronics MK50H25DIP Datasheet HTML 38Page - STMicroelectronics MK50H25DIP Datasheet HTML 39Page - STMicroelectronics MK50H25DIP Datasheet HTML 40Page - STMicroelectronics MK50H25DIP Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
4.3.1.4 Receive Message Descriptor 3 (RMD3)
BIT
NAME
DESCRIPTION
15:00
MCNT
Message Byte Count is the length, in bytes, of the received frame
MCNT is valid only when ELF is set to a one. MCNT is written by
MK50H25 and read by the Host. If ELF is set to a zero the entire
buffer has been
utilized and
the message byte count is given in
BCNT above. The value of this field is expressed in two’s comple-
ment. MCNT also reflects additional FCS bytes if FCSEN = 1.
4.3.2 Transmit Message Descriptor Entry
4.3.2.1 Transmit Message Descriptor 0 (TMD0)
BIT
NAME
DESCRIPTION
15
OWNA
When this bit is a zero either the HOST or an I /O Acceleration Processor
owns this descriptor.
When this bit is a one the MK50H25 owns this
descriptor. The host sets the OWNA bit after filling the buffer pointed
to by the descriptor entry. The MK50H25 releases the descriptor after
transmitting the buffer and receiving
the proper acknowledgement
from the receiver. After the MK50H25, Host, or I/O Acceleration Proc-
essor has relinquished ownership of a buffer, it may not change any
field in the four words that comprise the descriptor entry.
14
OWNB
This bit determines whether the HOST or an I /O Acceleration Processor
owns the buffer when OWNA is a zero. The MK50H25 never uses this
bit. This bit is provided to facilitate use of I/O Acceleration processors.
13
SLF
Start of Long Frame indicates that this is the first buffer used by the
MK50H25 for this frame. It is used for data chaining buffers. SLF is set
by the Host. When not chaining, SLF should be set to a one.
NOTE: A ”Long Frame” is any frame which needs data chaining.
12
ELF
End of Long Frame indicates that this is the last buffer used by the
MK50H25 for this frame. It is used for data chaining buffers. If both
SLF and ELF were set the frame would fit into one buffer and no
data chaining would be required. ELF is set by the Host. When not
chaining, ELF should be set to a one.
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
MCNT<15:00>
1
5
1
0
1
4
0
9
1
2
1
1
0
8
0
3
0
7
0
2
0
6
0
5
0
4
0
1
0
0
1
3
0
TBADR<23:16>
O
W
N
A
O
W
N
B
S
L
F
E
L
F
T
U
I
T
I
N
T
D
X
P
F
MK50H25
37/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com