Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 119 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 119 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 115Page - Omron Electronics LLC F3SG-R Datasheet HTML 116Page - Omron Electronics LLC F3SG-R Datasheet HTML 117Page - Omron Electronics LLC F3SG-R Datasheet HTML 118Page - Omron Electronics LLC F3SG-R Datasheet HTML 119Page - Omron Electronics LLC F3SG-R Datasheet HTML 120Page - Omron Electronics LLC F3SG-R Datasheet HTML 121Page - Omron Electronics LLC F3SG-R Datasheet HTML 122Page - Omron Electronics LLC F3SG-R Datasheet HTML 123Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 164 page
background image
F3SG-RA-01TS
119
Interface Unit (F39-GIF, sold separately)
Spatter Protection Cover (F39-HGA, sold separately)
Bluetooth Communication Unit
(F39-BT, sold separately)
Lamp and Bluetooth Communication Unit
(F39-BTLP, sold separately)
Lamp (F39-LP, sold separately)
Related Manuals
67.9
35.8
(16)
(12)
(625.7)
(46)
Insulated vinyl round cable 4.6 dia. Standard length: 0.5 m
(11.8)
300
30
54.4
58
23.3
10
17.5 dia.
4.6 dia.
5.4 dia.
2,000
14.5
17.5 dia.
7.7
11
40
Assembled dimensions
Model
Total length
F39-HGA
@@@@
@@@@+4
F39-HGA0550
558
Material: PC (Transparent cover)
ABS (Side wall)
Stainless steel (Bracket)
Aluminum adhesive tape
(Fixing sticker)
35
30
35
35
2.4
Material: PBT
35
30
35
35
2.4
Material:
PC (Lighting element)
PBT (Other body parts)
ManNo.
Model
Manual name
Z380
F3SG-4RA
@@@@-25-01TS
Safety Light Curtain F3SG-4RA
@@@@-25-01TS Series User's Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com