Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 122 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 122 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 118Page - Omron Electronics LLC F3SG-R Datasheet HTML 119Page - Omron Electronics LLC F3SG-R Datasheet HTML 120Page - Omron Electronics LLC F3SG-R Datasheet HTML 121Page - Omron Electronics LLC F3SG-R Datasheet HTML 122Page - Omron Electronics LLC F3SG-R Datasheet HTML 123Page - Omron Electronics LLC F3SG-R Datasheet HTML 124Page - Omron Electronics LLC F3SG-R Datasheet HTML 125Page - Omron Electronics LLC F3SG-R Datasheet HTML 126Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 164 page
background image
F3SG-RA-02TS
122
Accessories (Sold separately)
Safety light curtain connecting cable
Single-Ended Cable (Oil-Resistant Cable)
Note: To extend the cable length to more than 7 m, add the F39-JD
@B Double-Ended Cable.
When the Double-Ended Cable is used, protect it from cutting oil.
Single-Ended Cable (2 cables per set, one for emitter and one for receiver) *
* The cable for emitter and the cable for receiver are available separately. Add '-L' for emitter or '-D' for receiver to the end of the model number
when you order.
Single-Ended Cable for Emitter: F39-JD
@A-L, Single-Ended Cable for Receiver: F39-JD@A-D
Note: 1. Use the F39-JD
@RA-L/-D for applications where cutting oil resistance is required.
2. To extend the cable length to more than 20 m, add the F39-JD
@B Double-Ended Cable.
Appearance
Type
Cable length
Specifications
Model
For emitter
M12 connector
(8-pin), 5 wires
Color: Gray
3m
F39-JD3RA-L
7m
F39-JD7RA-L
For receiver
M12 connector
(8-pin), 8 wires
Color: Black
3m
F39-JD3RA-D
7m
F39-JD7RA-D
Appearance
Cable length
Specifications
Model
3m
F39-JD3A
7m
F39-JD7A
10m
F39-JD10A
15m
F39-JD15A
20m
F39-JD20A
5
8
4
3
2
1
7
6
Female
2
7
5
6
1
+24 VDC
0 VDC
Not used
Not used
Not used
Connected to Power Cable or Double-Ended Cable
Brown
Blue
Gray
Pink
−
8Not used
−
3TEST
Black
4
Not used
−
5
8
4
3
2
1
7
6
Female
2
7
5
6
1
+24 VDC
0 VDC
PC COM (+)
PC COM (-)
OSSD 2
Connected to Power Cable or Double-Ended Cable
Brown
Blue
Gray
Pink
White
8
EDM
Red
3
OSSD 1
Black
4AUX
Yellow
For emitter, M12 connector (8-pin), Color: Gray
For receiver, M12 connector (8-pin), Color: Black
IP67 and IP67G (JIS C 0920 Annex 1)* rated when mated.
* F3SG-RA-02TS meets the degree of protection when this
cable is correctly connected with the power cable of the
F3SG-RA-02TS. The degree of protection is not satisfied
with the part where cable wires are uncovered.
5
8
4
3
2
1
7
6
Female
2
7
5
6
1
+24 VDC
0 VDC
Not used
Not used
Not used
Connected to Power Cable or Double-Ended Cable
Brown
Blue
Gray
Pink
White
8
Not used
Red
3TEST
Black
4
Not used
Yellow
Shield
5
8
4
3
2
1
7
6
Female
2
7
5
6
1
+24 VDC
0 VDC
PC COM (+)
PC COM (-)
OSSD 2
Connected to Power Cable or Double-Ended Cable
Brown
Blue
Gray
Pink
White
8
EDM
Red
3
OSSD 1
Black
4AUX
Yellow
Shield
For emitter M12 connector (8-pin), Color: Gray
For receiver M12 connector (8-pin), Color: Black
IP67* rated when mated.
* When the accessory is used, protect it from cutting oil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com