Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 134 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 134 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 130Page - Omron Electronics LLC F3SG-R Datasheet HTML 131Page - Omron Electronics LLC F3SG-R Datasheet HTML 132Page - Omron Electronics LLC F3SG-R Datasheet HTML 133Page - Omron Electronics LLC F3SG-R Datasheet HTML 134Page - Omron Electronics LLC F3SG-R Datasheet HTML 135Page - Omron Electronics LLC F3SG-R Datasheet HTML 136Page - Omron Electronics LLC F3SG-R Datasheet HTML 137Page - Omron Electronics LLC F3SG-R Datasheet HTML 138Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 164 page
background image
F3SG-RA-02TS
134
Input Circuit Diagram by Function
The input circuit diagrams of by function are shown below.
Emitter
Main
Circuit
+24 VDC
0 VDC
5 V
Short circuit current:
Approx. 2.5 mA
<24 V Active>
<0 V Active>
Emitter
Main
Circuit
+24 VDC
0 VDC
5 V
Short circuit current:
Approx. 2.0 mA
Test Input
Receiver
Main
Circuit
+24 VDC
0 VDC
Short circuit current:
Approx. 6.5 mA
EDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com