Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 135 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 135 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 131Page - Omron Electronics LLC F3SG-R Datasheet HTML 132Page - Omron Electronics LLC F3SG-R Datasheet HTML 133Page - Omron Electronics LLC F3SG-R Datasheet HTML 134Page - Omron Electronics LLC F3SG-R Datasheet HTML 135Page - Omron Electronics LLC F3SG-R Datasheet HTML 136Page - Omron Electronics LLC F3SG-R Datasheet HTML 137Page - Omron Electronics LLC F3SG-R Datasheet HTML 138Page - Omron Electronics LLC F3SG-R Datasheet HTML 139Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 164 page
background image
F3SG-RA-02TS
135
Dimensions
(Unit: mm)
Mounted with Free-Location Brackets (F39-LGRA)
Backside Mounting
F3SG-4RA-
@@@@-25-02TS Series
*1. The number of brackets required to mount either one of emitter and receiver.
*2. Mounting an emitter or receiver with one bracket is possible for the model of protective height of 0240. In this case, locate this
bracket at half the Dimension C (or at the center of the sensor length).
Dimension C
4-digit number of the type name (Protective height)
Dimension D
C-20
Dimension P
20
Protective height
(C)
Number of Free-Location
Brackets *1
Dimension F
0240 to 1200
2 *2
1000 mm max.
1280 to 1920
3
1000 mm max.
31.4
46.35
3.95
2-M4
2-M4
2-M5 or M6
<Screw: M5 or M6>
2-M5 or M6
38
Free-Location Bracket
(F39-LGRA)
Free-Location Bracket
(F39-LGRA)
26.3
3.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com