Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010RGCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 3 Page - Texas Instruments

  CDCE72010RGCT Datasheet HTML 1Page - Texas Instruments CDCE72010RGCT Datasheet HTML 2Page - Texas Instruments CDCE72010RGCT Datasheet HTML 3Page - Texas Instruments CDCE72010RGCT Datasheet HTML 4Page - Texas Instruments CDCE72010RGCT Datasheet HTML 5Page - Texas Instruments CDCE72010RGCT Datasheet HTML 6Page - Texas Instruments CDCE72010RGCT Datasheet HTML 7Page - Texas Instruments CDCE72010RGCT Datasheet HTML 8Page - Texas Instruments CDCE72010RGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
PACKAGE
49
1
32
64
33
48
16
17
TopView
BottomView
CDCE72010
www.ti.com...................................................................................................................................................................................................... SCAS858 – JUNE 2008
The CDCE72010 is available in a 64-pin lead-free “green” plastic quad flatpack package with enhanced bottom
thermal pad for heat dissipation. The Texas Instruments package designator is RGC (S-PQFP-N64).
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
5,8,11,14,19
22,25,28,31
3.3V supply for the output buffers. There is no internal connection between VCC and AVCC.
VCC
Power
34,37,40, and
It is recommended that each VCC uses its own supply filter.
43
VCC_PLL
4, 63
A. Power 3.3V PLL supply voltage for the PLL circuitry.
VCC_IN
57, 60
A. Power 3.3V reference input buffers and circuitry supply voltage.
VCC_VCXO
51, 54
A. Power 3.3V VCXO input buffer and circuitry supply voltage.
GND
32
Ground
Ground connected to thermal pad internally.
GND
PAD
Ground
Ground on thermal pad. See layout recommendations.
VCCA
48, 49
A. Power 3.3V for internal analog circuitry power supply
A.
GND_CP
2
Analog ground for charge pump
Ground
Charge pump power supply pin used to have the same supply as the external VCO/VCXO.
VCC_CP
64
A. Power
It can be set from 2.3V to 3.6V.
In SPI mode it is an open drain output and it functions as a master and in slave out as a
SPI_MISO
15
DO
serial control data output from the CDCE72010.
LVCMOS input, control latch enable for the Serial Programmable Interface (SPI), with
SPI_LE
45
I
hysteresis in SPI mode.
or CD1
In configuration default mode this pin becomes CD1.
SPI_CLK
LVCMOS input, serial control clock input for the SPI bus interface, with hysteresis. In
46
I
or CD2
configuration default mode this pin becomes CD2.
LVCMOS input, master out slave in as a serial control data input to CDCE72010 for the SPI
SPI_MOSI
44
I
bus interface. In configuration default mode this pin becomes CD3 and it should be tied to
or CD3
GND.
SPI MODE = H; when driven high or left unconnected, it defaults to SPI bus interface mode.
CD MODE = L; If tied low the device goes into configuration default mode which is
MODE_SEL
16
I
configured by CD1, CD2, CD3, and AUX_SEL (CTRL_LE, CTRL_CLK, and CTRL_MOSI).
In configuration default mode the device loads various configuration defaults from the
EEPROM into memory at start-up.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com