Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010RGCT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 17 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 13Page - Texas Instruments CDCE72010RGCT Datasheet HTML 14Page - Texas Instruments CDCE72010RGCT Datasheet HTML 15Page - Texas Instruments CDCE72010RGCT Datasheet HTML 16Page - Texas Instruments CDCE72010RGCT Datasheet HTML 17Page - Texas Instruments CDCE72010RGCT Datasheet HTML 18Page - Texas Instruments CDCE72010RGCT Datasheet HTML 19Page - Texas Instruments CDCE72010RGCT Datasheet HTML 20Page - Texas Instruments CDCE72010RGCT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
APPLICATION INFORMATION
PHASE NOISE ANALYSIS
CDCE72010
www.ti.com...................................................................................................................................................................................................... SCAS858 – JUNE 2008
Phase noise is measured in a closed loop mode of 491.52MHz VCXO and 30.72MHz reference and a 100Hz
loop. Output 1 is measured for divide by one, output 6 for divide by 4, and output 9 for divide by 16.
Table 1. Phase Noise for LVPECL High Swing
Phase Noise Specifications under following configuration: VCXO = 491.52MHz, REF = 30.72MHz, Divide by = 491.52MHz, Divide by
4 = 122.88MHz, Divide by 16 = 30.72MHz, PFD Frequency = 240KHz, Charge Pump Current = 2mA, Loop BW = 100Hz, Output 1 =
491.52 MHZ, Output Buffer: LVPECL-HS
PHASE NOISE
VCXO OPEN
REFERENCE
LVPECL-HS
LVPECL-HS
LVPECL-HS
UNIT
AT OFFSET
LOOP
30.72MHz
DIVIDE BY 1
DIVIDE BY 4
DIVIDE BY 16
10Hz
–64
–107
–80
–92
–105
dBc/Hz
100Hz
–99
–123
–92
–104
–116
dBc/Hz
1kHz
–113
–134
–115
–127
–139
dBc/Hz
10kHz
–135
–153
–135
–145
–158
dBc/Hz
100kHz
–148
–156
–146
–155
–162
dBc/Hz
1MHz
–148
–158
–146
–155
–162
dBc/Hz
10MHz
–149
–147
–156
dBc/Hz
Table 2. Phase Noise for LVDS High Swing
Phase Noise Specifications under following configuration: VCXO = 491.52MHz, REF = 30.72MHz, Divide by = 491.52MHz, Divide by
4 = 122.88MHz, DIvide by 16 = 30.72MHz, PFD Frequency = 240KHz, Charge Pump Current = 2mA Loop BW = 100Hz, Output 1 =
491.52 MHZ, Output Buffer: LVDS-HS
VCXO OPEN
LVDS–HS
LVDS-HS
LVDS-HS
PARAMETER
REFERENCE
UNIT
LOOP
DIVIDE BY 1
DIVIDE BY 4
DIVIDE BY 16
10Hz
–64
–107
–82
–94
–104
dBc/Hz
100Hz
–99
–123
–92
–105
–117
dBc/Hz
1kHz
–113
–134
–114
–127
–139
dBc/Hz
10kHz
–135
–153
–135
–145
–151
dBc/Hz
100kHz
–148
–156
–145
–152
–153
dBc/Hz
1MHz
–148
–158
–146
–152
–153
dBc/Hz
10MHz
–149
–146
–152
dBc/Hz
Table 3. Phase Noise for LVCMOS
Phase Noise Specifications under following configuration: VCXO = 491.52MHz, REF = 30.72MHz, Divide by = 491.52MHz, Divide by
4 = 122.88MHz, DIvide by 16 = 30.72MHz, PFD Frequency = 240KHz, Charge Pump Current = 2mA, Loop BW = 100Hz, Output 1 =
491.52 MHZ, Output Buffer: LVCMOS
VCXO OPEN
LVCMOS
LVCMOS
PARAMETER
REFERENCE
N/A
UNIT
LOOP
DIVIDE BY 4
DIVIDE BY 16
10Hz
–64
–107
–91
–105
dBc/Hz
100Hz
–99
–123
–104
–116
dBc/Hz
1kHz
–113
–134
–127
–139
dBc/Hz
10kHz
–135
–153
–140
–151
dBc/Hz
100kHz
–148
–156
–151
–159
dBc/Hz
1MHz
–148
–158
–153
–160
dBc/Hz
10MHz
–149
–154
dBc/Hz
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com