Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010RGCT Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 57 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 53Page - Texas Instruments CDCE72010RGCT Datasheet HTML 54Page - Texas Instruments CDCE72010RGCT Datasheet HTML 55Page - Texas Instruments CDCE72010RGCT Datasheet HTML 56Page - Texas Instruments CDCE72010RGCT Datasheet HTML 57Page - Texas Instruments CDCE72010RGCT Datasheet HTML 58Page - Texas Instruments CDCE72010RGCT Datasheet HTML 59Page - Texas Instruments CDCE72010RGCT Datasheet HTML 60Page - Texas Instruments CDCE72010RGCT Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
ANALOG LOCK DETECT
160kW
5pF
110µA
(Lock)
V
CC
C
V
Out
t
V
=1/C*I*t
Out
V
=0.55V
high
CC
V
=0.35V
low
CC
Example:
forI=110µA,C=10n,V
=3.3Vand
V
=V
=0.55*V
=1.8V
=>t=164µs
CC
high
Out
CC
Power_Down
110µA
(Out-of-Lock)
Lock_Out
Lock_In
PLL_LOCK
(Output)
FREQUENCY HOLD-OVER MODE
CDCE72010
www.ti.com...................................................................................................................................................................................................... SCAS858 – JUNE 2008
When selecting the analog PLL Lock option, the high-pulses load the external capacitor via the internal 110
µA
current source until logic high-level is reached. Therefore, more time is needed to detect logic high level, but
jittering of PLL_LOCK will be suppressed like possible in case of digital lock. The time PLL_LOCK needs to
return to out of lock depends on the level of VOUT, when the current source starts to unload the external
capacitor.
Figure 23. Analog Lock
The HOLD-Function is a CDCE72010 feature that helps to improve system reliability. The HOLD-Function holds
the output frequency in case the input reference clock fails or is disrupted. During HOLD, the Charge-Pump is
switched off (3-State) freezing the last valid output frequency. The Hold-Function will be released after a valid
reference clock is reapplied to the clock input and detected by the CDCE72010. For proper HOLD function, the
Analog PLL-Lock-Detect mode has to be active. The following settings are involved with the HOLD Function:
• Lock Detect Window: Defines the window in ns inwhich the Lock is valid. The size is 3.5ns, 8.5ns, 18.5ns.
Lock is set if Reference Clock and Feedback Clock are inside this predefined Lock-Detect Window for a
pre-selected number of successive cycles.
• Out-of-Lock: Defines the out-of-lock condition: If the Reference Clock and the Feedback Clock at the PFD are
outside the predefined Lock Detect Window.
• Number of Clock Cycles: Defines the number of successive PFD cycles which have to occur inside the lock
window to set Lock detect. This does not apply for Out-of-Lock condition.
• Hold-Function: Selects HOLD-Function (see more details below).
• Hold-Trigger: Defines whether the HOLD-Function is always activated or whether it is dependent on the state
of the analog PLL Lock detect output. In the latter case, HOLD is activated if Lock is set (high) and
de-activated if Lock is reset (low).
• Analog PLL Lock Detect: Analog Lock output charges or discharges an external capacitor with every valid
Lock cycle. The time constant for Lock detect can be set by the value of the capacitor.
The CDCE72010 supports two types of HOLD functions, one external controllable HOLD mode and one internal
mode, HOLD.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com