Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010RGCT Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 52 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 48Page - Texas Instruments CDCE72010RGCT Datasheet HTML 49Page - Texas Instruments CDCE72010RGCT Datasheet HTML 50Page - Texas Instruments CDCE72010RGCT Datasheet HTML 51Page - Texas Instruments CDCE72010RGCT Datasheet HTML 52Page - Texas Instruments CDCE72010RGCT Datasheet HTML 53Page - Texas Instruments CDCE72010RGCT Datasheet HTML 54Page - Texas Instruments CDCE72010RGCT Datasheet HTML 55Page - Texas Instruments CDCE72010RGCT Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
PHASE DELAY FOR M AND N
Delay Block in M/N Path
CDCE72010
SCAS858 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
Table 11. Reference Delay M (PRI_REF or SEC_REF) and Feedback Delay N (VCXO) Phase Adjustment
(Register 2 RAM Bits [5:0]) (1)
DLYM2/DLYN2
DLYM1/DLYN1
DLYM0/DLYN0
PHASE OFFSET
0
0
0
0ps(2)
0
0
1
±160ps
0
1
0
±320ps
0
1
1
±480ps
1
0
0
±830ps
1
0
1
±1130ps
1
1
0
±1450ps
1
1
1
±1750ps
(1)
If Progr Delay M is set, all Yx outputs are lagging to the Reference Clock according to the value set. If Progr Delay N is set, all Yx
outputs are leading to the Reference Clock according to the value set. Above are typical values at VCC = 3.3 V, TA = 25°C, PECL-output
relate to Div4 mode.
(2)
Default
Table 12. Reference Divider M/N 14-Bit (Register 10 RAM Bits [13:0] for M and RAM Bits [27:14] for N)
N13
N12
N11
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
N0
DIV BY(1)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
1
2
0
0
0
0
0
0
0
0
0
0
0
0
1
0
3
0
0
0
0
0
0
0
0
0
0
0
0
1
1
4
•
•
•
0
0
0
0
0
0
0
1
1
1
1
1
1
1
128(2)
•
•
•
1
1
1
1
1
1
1
1
1
1
1
1
0
1
16382
1
1
1
1
1
1
1
1
1
1
1
1
1
0
16383
1
1
1
1
1
1
1
1
1
1
1
1
1
1
16384
(1)
If the divider value is Q, then the code will be the binary value of (Q - 1).
(2)
Default
52
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com