Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010RGCT Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 61 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 57Page - Texas Instruments CDCE72010RGCT Datasheet HTML 58Page - Texas Instruments CDCE72010RGCT Datasheet HTML 59Page - Texas Instruments CDCE72010RGCT Datasheet HTML 60Page - Texas Instruments CDCE72010RGCT Datasheet HTML 61Page - Texas Instruments CDCE72010RGCT Datasheet HTML 62Page - Texas Instruments CDCE72010RGCT Datasheet HTML 63Page - Texas Instruments CDCE72010RGCT Datasheet HTML 64Page - Texas Instruments CDCE72010RGCT Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
DEVICE POWER
0
Power(W)
0
25
50
75
100
125
0
1
2
3
4
Power(W)
JEDEC0LFM25C
JEDEC100LFM25C
RL 0LFM25C
RL 100LFM25C
JEDEC0LFM85C
JEDEC100LFM85C
RL 0LFM85C
RL 100LFM85C
MaxDieTemp
CDCE72010
www.ti.com...................................................................................................................................................................................................... SCAS858 – JUNE 2008
The CDCE72010 is designed as a high performance device, therefore careful attention must be paid to device
configuration with respect to power consumption. Total power consumption of the device can be estimated by
adding up the total power consumed by each block in the device.
The Table below describes the blocks used and power consumed per block. The total power of the device can
be calculated by multiplying the number of blocks used by the power consumption per block.
Table 16. Device Power
INTERNAL BLOCK POWER AT 3.3V (Typ)
POWER DISSIPATED / BLOCK
NUMBER OF BLOCKS / DEVICE
PLL Core and Input and Feedback Circuitries
530mW
1
Output Dividers
180mW
8
Output Buffers ( LVPECL-HISWING)(1)
150mW
10
Output Buffers (LVDS-HISWING)(1)
75mW
10
Output Buffers (LVCMOS at 122 MHz)(1)
50mW
20
(1)
Output buffers can be a total of 10 LVDS, 10 LVPECL, or 20 LVCMOS.
Figure 27. Die Temperature
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com