Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010RGCT Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 45 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 41Page - Texas Instruments CDCE72010RGCT Datasheet HTML 42Page - Texas Instruments CDCE72010RGCT Datasheet HTML 43Page - Texas Instruments CDCE72010RGCT Datasheet HTML 44Page - Texas Instruments CDCE72010RGCT Datasheet HTML 45Page - Texas Instruments CDCE72010RGCT Datasheet HTML 46Page - Texas Instruments CDCE72010RGCT Datasheet HTML 47Page - Texas Instruments CDCE72010RGCT Datasheet HTML 48Page - Texas Instruments CDCE72010RGCT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
CDCE72010
www.ti.com...................................................................................................................................................................................................... SCAS858 – JUNE 2008
Register 9: CD Mode
SPI
RAM
RELATED
POWER UP
BIT NAME
DESCRIPTION/FUNCTION
BIT
BIT
BLOCK
CONDITION
0
A0
Address 0
1
1
A1
Address 1
0
2
A2
Address 2
0
3
A3
Address 3
1
4
0
HOLDF1
Enables the Frequency Hold-Over Function 1 on 1, off 0
5
1
HOLDF2
Enables the Frequency Hold-Over Function 2 on 1, off 0
6
2
HOLD
3-State Charge Pump 0 - (equal to HOLD-Pin function)
HOLD function always activated “1” (recommended for test purposes, only)
HOLD- Over
EEPROM
Triggered by analog PLL Lock detect outputs
7
3
HOLDTR
If analog PLL Lock Signal is [1] (PLL locked), HOLD is activated
If analog PLL Lock Signal is [0] (PLL not lock), HOLD is deactivated
8
4
HOLD_CNT0
HOLD1 Function is reactivated after X Ref Clock Cycles. Defined by
(HOLD_CNT0,HOLD_CNT1)::X= Number of Clock Cycles.
9
5
HOLD_CNT1
For (00)::X=64, (01) ::X=128, (10)::X=256, (11)::X=512 Clock Cycles.
10
6
LOCKW 2
Extended Lock-detect window Bit 2 (Also refer to Reg 7 RAM Bits 0 and 1)
LOCK-DET
EEPROM
11
7
LOCKW 3
Extended Lock-detect window Bit 3 (Also refer to Reg 7 RAM Bits 0 and 1)
NOINV_RESHOL_IN
When set to 0, SPI/HOLD_INT and SPI/RESET_INT inverted (default)
12
8
Chip CORE
EEPROM
T
When set to 1, SPI/HOLD_INT and SPI/RESET_INT not inverted
When GTME = 0, this bit has no functionality, But when GTME = 1, then:
Diagnostic: PLL
13
9
DIVSYNC_DIS
When set to 0, START-Signal is synchronized to N/M Divider Input Clocks
EEPROM
N/M Divider
When set to 1, START-Sync N/M Divider in PLL are bypassed
Divider START
When set to 0, START-Signal is synchronized to VCXO-Clock
14
10
START_BYPASS
EEPROM
DETERM-Block
When set to 1, START-Sync Block is bypassed
Divider START
When set to 0, Sync Logic active when VCXO/AUX-Clocks are available
15
11
INDET_BP
EEPROM
DETERM-Block
When set to 1, Sync Logic is independent from VCXO- and/or AUX-Clocks
Divider START
When set to 0, Sync Logic waits for 1st PLL_LOCK state
16
12
PLL_LOCK_BP
EEPROM
DETERM-Block
When set to 1, Sync Logic independent from 1st PLL_LOCK
When set to 0, Sync Logic is independent from VCXO/DIV_FB freq. (PLL-FD)
Divider START
17
13
LOW_FD_FB_EN
When set to 1, Sync Logic is started for VCXO/DIV_FB > ~600KHz,
EEPROM
DETERM-Block
stopped for VCXO/DIV_FB < ~600KHz
PLL
When set to 0, M-Divider uses NHOLD1 as NPRESET
18
14
NPRESET_MDIV
EEPROM
M/FB-Divider
When set to 1, M-Divider NOT preseted by NHOLD1
19
15
BIAS_DIV_FB<0>
When BIAS_DIV_FB<1:0> =
Feedback
00, No current reduction for FB-Divider
EEPROM
Divider
01, Current reduction for FB-Divider by about 20%
20
16
BIAS_DIV_FB<1>
10, Current reduction for FB-Divider by about 30%
21
17
BIAS_DIV89<0>
When BIAS_DIV89<1:0> =
Output Divider
00, No current reduction for all output-divider
EEPROM
8 and 9
01, Current reduction for all output-divider by about 20%
22
18
BIAS_DIV89<1>
10, Current reduction for all output-divider by about 30%
23
19
AUXINVBB
If Set to 1 it Biases AUX Input Negative Pin with internal VCXOVBB voltage.
AUX Buffer
EEPROM
If Set to 1 AUX in input Mode Buffer is disabled. If Set to 0 it follows the
24
20
DIS_AUX_Y9
behavior of FB_MUX_SEL and OUT_MUX_SEL bits settings.
25
21
PECL9HISWING
Output 9
High Output Voltage Swing in LVPECL Mode if set to 1
EEPROM
26
22
RESERVED
EEPROM
27
23
RESERVED
EEPROM
28
24
OUTBUF9CD2LX
Output Buffer 9 Signaling Selection when CD2 in low
CD2 Low
EEPROM
(X,Y) = 01: LVPECL, 11: LVDS, 00: LVCMOS, 10: Output Disable
29
25
OUTBUF9CD2LY
30
26
OUTBUF9CD2HX
Output Buffer 9 Signaling Selection when CD2 in high
CD2 High
EEPROM
(X,Y) = 01: LVPECL, 11: LVDS, 00: LVCMOS, 10: Output Disable
31
27
OUTBUF9CD2HY
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com