Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010RGCT Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 32 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 28Page - Texas Instruments CDCE72010RGCT Datasheet HTML 29Page - Texas Instruments CDCE72010RGCT Datasheet HTML 30Page - Texas Instruments CDCE72010RGCT Datasheet HTML 31Page - Texas Instruments CDCE72010RGCT Datasheet HTML 32Page - Texas Instruments CDCE72010RGCT Datasheet HTML 33Page - Texas Instruments CDCE72010RGCT Datasheet HTML 34Page - Texas Instruments CDCE72010RGCT Datasheet HTML 35Page - Texas Instruments CDCE72010RGCT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
CDCE72010
SCAS858 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
Register 11: SPI Mode
SPI
RAM
RELATED
POWER UP
BIT NAME
DESCRIPTION/FUNCTION
BIT
BIT
BLOCK
CONDITION
0
A0
Address 0
1
1
A1
Address 1
1
2
A2
Address 2
0
3
A3
Address 3
1
4
0
PRI_DIV2
Input Buffers
If set to 1 enables Primary Reference Divide by 2
EEPROM
5
1
SEC_DIV2
Input Buffers
If set to 1 enables Secondary Reference Divide by 2
EEPROM
FB Path Integer
When set to 0, FB divider is active
6
2
FB_DIS
EEPROM
Counter 32
When set to 1, FB divider is disabled
FB Path Integer
When set to 0, FB clock is CMOS type
7
3
FB_CML_SEL
EEPROM
Counter 32
When set to 1, FB clock is CML type and uses CML2CMOS converter in PLL
FB-Divider/
When set to 0, Input clock for FB not inverted (normal mode, low speed)
8
4
FB_INCLK_INV
Deterministic
EEPROM
When set to 1, Input clock for FB inverted (higher speed mode)
Blocks
9
5
FB_COUNT32_0
Feedback Counter Bit0
10
6
FB_COUNT32_1
Feedback Counter Bit1
11
7
FB_COUNT32_2
Feedback Counter Bit2
FB Path Integer
12
8
FB_COUNT32_3
Feedback Counter Bit3
EEPROM
Counter 32
13
9
FB_COUNT32_4
Feedback Counter Bit4
14
10
FB_COUNT32_5
Feedback Counter Bit5
15
11
FB_COUNT32_6
Feedback Counter Bit6
16
12
FB_PHASE0
Feedback Phase Adjust Bit0
17
13
FB_PHASE1
Feedback Phase Adjust Bit1
18
14
FB_PHASE2
Feedback Phase Adjust Bit2
FB Path Integer
19
15
FB_PHASE3
Feedback Phase Adjust Bit3
EEPROM
Counter 32
20
16
FB_PHASE4
Feedback Phase Adjust Bit4
21
17
FB_PHASE5
Feedback Phase Adjust Bit5
22
18
FB_PHASE6
Feedback Phase Adjust Bit6
If set to 0, PLL is in normal mode
23
19
PD_PLL
PLL
EEPROM
If set to 1, PLL is powered down
When set to 0, the VCXO Clock is selected for the Clock Tree and FB-Div and
Clock Tree and
FB_MUX_SEL
Det
24
20
Deterministic
EEPROM
See Table 6
When set to 1, the AUX Clock is selected for the Clock Tree and FB-Div and
Block
Det
OUT_MUX_SEL
25
21
Clock Tree
If Set to 0 it selects the VCXO Clock and if Set to 1 it selects the AUX Clock
EEPROM
See Table 6
Feed Back Path Selects FB/VCXO-Path when set to 0 (TI Test-GTME)
26
22
FB_SEL
Diagnostics
EEPROM
The Secondary Reference clock input is selected when set to 1 (TI Test-GTME)
27
23
NRESHAPE1
Reshapes the Reference Clock Signal 0, Disable Reshape 1
EEPROM
Reference
If set to 0 it enables short delay for fast operation
Selection Control
28
24
SEL_DEL1
EEPROM
If Set to 1 Long Delay recommended for Input References below 150Mhz
29
25
RESET_HOLD
Reset Circuitry
If set to 1 the RESET or HOLD pin acts as HOLD, set to 0 it acts as RESET
EEPROM
30
26
EPUNLOCK
Status
EEPROM Unlock
EEPROM
31
27
EPSTATUS
Status
EEPROM Status
EEPROM
Table 6. Output Buffers Source Feed, PLL Source Feed, and AUX IN/OUTPUT 9 Selection
FB_MUX_SEL
OUT_MUX_SEL
PLL FEED AND OUTPUTS FEED
AUX INPUT OR OUTPUT 9
0
0
VCXO::PLL, VCXO::Y0…Y9 and Deterministic Block
OUTPUT 9 is enabled
1
0
AUXIN::PLL, VCXO::Y0…Y8 and Deterministic Block
AUX IN is enabled
0
1
VCXO::PLL, AUXIN::Y0…Y8 and Deterministic Block
AUX IN is enabled
1
1
AUXIN::PLL, AUXIN::Y0…Y8 and Deterministic Block
AUX IN is enabled
32
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com