Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010RGCT Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 64 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 60Page - Texas Instruments CDCE72010RGCT Datasheet HTML 61Page - Texas Instruments CDCE72010RGCT Datasheet HTML 62Page - Texas Instruments CDCE72010RGCT Datasheet HTML 63Page - Texas Instruments CDCE72010RGCT Datasheet HTML 64Page - Texas Instruments CDCE72010RGCT Datasheet HTML 65Page - Texas Instruments CDCE72010RGCT Datasheet HTML 66Page - Texas Instruments CDCE72010RGCT Datasheet HTML 67Page - Texas Instruments CDCE72010RGCT Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
Output Dividers Synchronization
Reference Clock
REG0<Bit4> VCXOSEL
“1”
“0” REG6<Bit5>
DET_START_BYPASS
REG6<Bit2> FB_DETERM_DIV_SEL
“0” Feedback Divider Clock
“1” Divide by 2 Feedback Clock
Any of the Conditions will Produce a Conditional SYNC Start Signal:
1- REG9 <Bit11> INDET_BP is set to “0” & VCXO or AUX_CLK is available
2- REG9<Bit12> PLL_LOCK_BP is set to “0” & we have 1st Lock State
3- REG11<Bit19> PD_PLL is set to “0”& the PLL is ON
4- REG9<Bit13> LOW_FD_FB_EN is set to “1” N Divider Input Frequency above 600KHz
5- Write Activity to the Output Divider (s)
6- REG12<Bit8> Set to 1 ( /RESET Bit is Set to “1”)
7- REG12<Bit7> Set to 1 ( /Power Down Bit is Set to “1”)
/RESET Pin
“0”
1” REG9<Bit10>
STARTBYPASS
Feedback Clock
“0”
“1”
OUTPUT DIVIDERS
SYNC SIGNAL
Synchronizing Output Divider SYNC Signal
If the value of the bits described as inverted the function associated with it will be ignored
with respect to the sync start signal generation.
CDCE72010
SCAS858 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
The CDCE72010 is a 10 output clock device with 8 output dividers and to insure that all the outputs are
synchronous a synchronization startup circuitry is used. The synchronization circuitry generates a pulse to reset
all the dividers in a way, that a predictable synchronous output is generated. The Synchronization signal can be
generated from different sources and can be synchronized to a specific clock. The Block diagram below
illustrates the signal path of the Output Divider Sync Signal. This function is assured up to 500 MHz.
Figure 30. Output Divider Synchronization Block Diagram
64
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com