Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010RGCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 2Page - Texas Instruments CDCE72010RGCT Datasheet HTML 3Page - Texas Instruments CDCE72010RGCT Datasheet HTML 4Page - Texas Instruments CDCE72010RGCT Datasheet HTML 5Page - Texas Instruments CDCE72010RGCT Datasheet HTML 6Page - Texas Instruments CDCE72010RGCT Datasheet HTML 7Page - Texas Instruments CDCE72010RGCT Datasheet HTML 8Page - Texas Instruments CDCE72010RGCT Datasheet HTML 9Page - Texas Instruments CDCE72010RGCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
RECOMMENDED OPERATING CONDITIONS
CDCE72010
SCAS858 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
for the CDCE72010 device for under the specified industrial temperature range of –40°C to 85°C
MIN
NOM
MAX
UNIT
Power Supply
VCC
Supply voltage
3
3.3
3.6
V
VCC_PLL,
VCC_IN,
Analog supply voltage
3
3.3
3.6
VCC_VCXO,
VCCA
VCC_CP
2.3
VCC
V
REF at 30.72MHz VCXO at
Divider 1 set to divide by 8 (DCR
P LVPECL
491.52MHz Outputs are
30%) Divider 2 set to divide by 4
2.9
W
LVPECL-HS
(DCR 30%) Divider 3 set to divide
by 2 (DCR 30%) Divider 4 set to
REF at 30.72MHz VCXO at
P LVDS
2.0
W
divide by 2 (DCR 30%) Divider 5
491.52MHz Outputs are LVDS-HS
set to divide by 1 (DCR 30%)
Divider 6 set to divide by 1 (DCR
0%) Divider 7 set to divide by 1
REF at 30.72MHz VCXO at
P LVCMOS
2.2
W
(DCR 0%) Divider 8 set to divide by
122.88MHz Outputs are LVCMOS
1 (DCR 0%) DCR: Divider Current
Reduction Setting
REF at 30.72MHz VCXO at
Dividers are disabled. Outputs are
P OFF
775
mW
491.52MHz
disabled.
P PD
Device is powered down
30
mW
Typical Operating Conditions at VCC=3.3V and 25°C unless otherwise specified.
Differential Input Mode (PRI_REF, SEC_REF, VCXO_IN and AUX_IN)
VINPP
Input amplitude(1)
(V_INP – VINN)
0.1
1.3
V
VICM
Common-mode input voltage
1.0
VCC– 0.3
V
Differential input current high ( No
IIH
VI = VCC, VCC = 3.6 V
20
µA
internal termination)
Differential input current low( No
IIL
VI = 0 V, VCC = 3.6 V
–20
20
µA
internal termination)
Input capacitance on PRI_REF, SEC_REF and VCXO_REF
3
pF
Input capacitance on AUX_IN
7
pF
LVCMOS Input Mode (SPI_CLK, SPI_MOSI, SPI_LE, PD, RESET, REF_SEL, MOD_SEL)
VIL
Low-level input voltage LVCMOS(2)
0
0.3 VCC
V
VIH
High-level input voltage LVCMOS(2)
0.7 VCC
VCC
V
VIK
LVCMOS input clamp voltage
VCC = 3 V, II = –18 mA
–1.2
V
IIH
LVCMOS input current
VI = VCC, VCC = 3.6 V
20
µA
IIL
LVCMOS input
VI = 0 V, VCC = 3.6 V
–10
–40
µA
CI
Input capacitance (LVCMOS
VI = 0 V or VCC
3
pF
signals)
(1)
VINPP minimum and maximum is required to maintain ac specifications; the actual device function tolerates at a minimum VINPP of
150mV.
(2)
VIL and VIH are required to maintain ac specifications; the actual device function tolerates a smaller input level of 1V, if an AC coupling
to VCC/2 is provided.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com