Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010RGCT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 20 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 16Page - Texas Instruments CDCE72010RGCT Datasheet HTML 17Page - Texas Instruments CDCE72010RGCT Datasheet HTML 18Page - Texas Instruments CDCE72010RGCT Datasheet HTML 19Page - Texas Instruments CDCE72010RGCT Datasheet HTML 20Page - Texas Instruments CDCE72010RGCT Datasheet HTML 21Page - Texas Instruments CDCE72010RGCT Datasheet HTML 22Page - Texas Instruments CDCE72010RGCT Datasheet HTML 23Page - Texas Instruments CDCE72010RGCT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
CDCE72010 Default Configuration
CDCE72010
SCAS858 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
The CDCE72010 on-board EEPROM has been factory preset to the default settings listed in Table 5
Table 5. CDCE72010 Default Configuration Settings
REGISTER
DEFAULT SETTING
REGISTER
DEFAULT SETTING
REG0000
002C0040
REG0007
EB040717
REG0001
83840051
REG0008
010C0158
REG0002
83400002
REG0009
01000049
REG0003
83400003
REG0010
0BFC07CA
REG0004
81800004
REG0011
C000058B
REG0005
81800005
REG0012
61E09B0C
REG0006
EB040006
The default configuration programmed in the EEPROM is: a 10MHz primary reference single-ended, a
491.52MHz LVPECL VCXO running at 80kHz, and PFD with a 10Hz external loop filter. Reference Auto Select is
off, M divider is set for 125, N divider is set to 768, charge pump current is set to 2.2mA, and feedback divider is
set to divide by 8. Divider 1 is set to divide by 4, Dividers 2 and 3 are set to divide by 1, Dividers 4 and 5 are set
to divide by 2, Dividers 6 and 7 are set to divide by 8, and Divider 8 is set to divide by 16.Output0:LVCMOS,
Output1:Hi-LVPECL,
Output2:
Hi-LVPECL,
Output3:Hi_LVPECL,
Output4:LVPECL,
Output5:LVPECL,
Output6:Hi-LVDS, Output7:Hi-LVDS, Output8:LVCMOS and Output9:LVCMOS.
20
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com