Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG774ABCPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG774ABCPZ-R2
Description  Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774ABCPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADG774ABCPZ-R2 Datasheet HTML 1Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 2Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 3Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 4Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 5Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 6Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 7Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 8Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
ADG774A
Rev. C | Page 3 of 14
SPECIFICATIONS
SINGLE SUPPLY
VDD = 5 V ± 10%, GND = 0 V, all specifications TMIN to TMAX, unless otherwise noted.1
Table 1.
B Version
Parameter
25°C
TMIN to TMAX
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to 2.5
V
On Resistance, RON
2.2
Ω typ
VD = 0 V to 1 V, IS = −10 mA
3.5
4
Ω max
On Resistance Match Between Channels, ∆RON
0.15
Ω typ
VD = 0 V to 1 V, IS = −10 mA
0.5
Ω max
On Resistance Flatness, RFLAT(ON)
0.3
Ω typ
VD = 0 V to 1 V, IS = −10 mA
0.6
Ω max
LEAKAGE CURRENTS
Source Off Leakage, IS (OFF)
±0.001
nA typ
VD = 3 V/1 V, VS = 1 V/3 V, see Figure 17
±0.1
±0.25
nA max
Drain Off Leakage, ID (OFF)
±0.001
nA typ
VD = 3 V/1 V, VS = 1 V/3 V, see Figure 17
±0.1
±0.25
nA max
Channel On Leakage, ID, IS (ON)
±0.001
nA typ
VD = VS = 3 V/1 V, see Figure 18
±0.1
±0.25
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.001
μA typ
VIN = VINL or VINH
±0.1
μA max
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS2
tON, tON (EN)
6
ns typ
CL = 35 pF, RL = 50 Ω, VS = 2 V, see Figure 22
12
ns max
tOFF, tOFF (EN)
3
ns typ
CL = 35 pF, RL = 50 Ω, VS = 2 V, see Figure 22
6
ns max
Break-Before-Make Time Delay, tD
3
ns typ
CL = 35 pF, RL = 50 Ω, VS1 = VS2 = 2 V, see Figure 23
1
ns min
Off Isolation
−65
dB typ
f = 10 MHz, RL = 50 Ω, see Figure 20
Channel-to-Channel Crosstalk
−70
dB typ
f = 10 MHz, RL = 50 Ω, see Figure 21
Bandwidth −3 dB
400
MHz typ
RL = 50 Ω, see Figure 19
Distortion
0.3
% typ
RL = 100 Ω
Charge Injection
6
pC typ
CL = 1 nF, see Figure 24, VS = 0 V
CS (OFF)
5
pF typ
CD (OFF)
7.5
pF typ
CD, CS (ON)
12
pF typ
POWER REQUIREMENTS
VDD = 5.5 V
Digital inputs = 0 V or VDD
IDD
1
μA max
0.001
μA typ
1 Temperature range for B version is −40°C to +85°C.
2 Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com