Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG774ABCPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG774ABCPZ-R2
Description  Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774ABCPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG774ABCPZ-R2 Datasheet HTML 2Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 3Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 4Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 5Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 6Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 7Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 8Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 9Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ADG774A
Data Sheet
Rev. C | Page 6 of 14
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
IN
S1A
S1B
D1
S2A
S2B
D2
GND
VDD
EN
S4A
S4B
D4
S3A
S3B
D3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
(Not to Scale)
ADG774A
S1B
D1
S2A
S2B
S4B
S4A
D4
S3A
NOTES
1. THE EXPOSED PAD MUST BE
TIED TO GND.
12
11
10
1
3
49
2
ADG774A
TOP VIEW
(Not to Scale)
Figure 2. QSOP Pin Configuration
Figure 3. LFCSP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Function
QSOP
LFCSP
1
15
IN
Logic Control Input.
2
16
S1A
Source Terminal 1A. May be an input or output.
3
1
S1B
Source Terminal 1B May be an input or output.
4
2
D1
Drain Terminal D1. May be an input or output.
5
3
S2A
Source Terminal 2A. May be an input or output.
6
4
S2B
Source Terminal 2B. May be an input or output.
7
5
D2
Drain Terminal D2. May be an input or output.
8
6
GND
Ground (0 V) Reference.
9
7
D3
Drain Terminal D3. May be an input or output.
10
8
S3B
Source Terminal 3B. May be an input or output.
11
9
S3A
Source Terminal 3A. May be an input or output.
12
10
D4
Drain Terminal D4. May be an input or output.
13
11
S4B
Source Terminal 4B. May be an input or output.
14
12
S4A
Source Terminal 4A. May be an input or output.
15
13
EN
Logic Control Input. When high, all switches are disabled.
16
14
VDD
Most Positive Power Supply Potential.
Not applicable
17
EPAD
Exposed Pad. The exposed pad must be tied to GND.
Table 5. Truth Table
EN
IN
D1
D2
D3
D4
Function
1
X
Hi-Z
Hi-Z
Hi-Z
Hi-Z
DISABLE
0
0
S1A
S2A
S3A
S4A
IN = 0
0
1
S1B
S2B
S3B
S4B
IN = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com