Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG774ABCPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG774ABCPZ-R2
Description  Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774ABCPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG774ABCPZ-R2 Datasheet HTML 6Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 7Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 8Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 9Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 10Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 11Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 12Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 13Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
ADG774A
Rev. C | Page 13 of 14
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-137-AB
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
16
9
8
1
SEATING
PLANE
0.010 (0.25)
0.004 (0.10)
0.012 (0.30)
0.008 (0.20)
0.025 (0.64)
BSC
0.041 (1.04)
REF
0.010 (0.25)
0.006 (0.15)
0.050 (1.27)
0.016 (0.41)
0.020 (0.51)
0.010 (0.25)
8°
0°
COPLANARITY
0.004 (0.10)
0.065 (1.65)
0.049 (1.25)
0.069 (1.75)
0.053 (1.35)
0.197 (5.00)
0.193 (4.90)
0.189 (4.80)
0.158 (4.01)
0.154 (3.91)
0.150 (3.81)
0.244 (6.20)
0.236 (5.99)
0.228 (5.79)
Figure 29. 16-Lead Shrink Small Outline Package [QSOP]
(RQ-16)
Dimensions shown in inches and (millimeters)
3.10
3.00 SQ
2.90
0.30
0.25
0.20
1.65
1.50 SQ
1.45
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
0.50
0.40
0.30
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.80
0.75
0.70
COMPLIANT TO JEDEC STANDARDS MO-220-WEED-6.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 30. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-27)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADG774ABRQ-REEL7
−40°C to +85°C
16-Lead Shrink Small Outline Package [QSOP]
RQ-16
ADG774ABRQZ
−40°C to +85°C
16-Lead Shrink Small Outline Package [QSOP]
RQ-16
ADG774ABRQZ-REEL
−40°C to +85°C
16-Lead Shrink Small Outline Package [QSOP]
RQ-16
ADG774ABRQZ-REEL7
−40°C to +85°C
16-Lead Shrink Small Outline Package [QSOP]
RQ-16
ADG774ABCPZ-REEL
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-27
ADG774ABCPZ-R2
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-27
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com