Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG774ABCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG774ABCPZ-R2
Description  Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774ABCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADG774ABCPZ-R2 Datasheet HTML 1Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 2Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 3Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 4Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 5Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 6Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 7Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 8Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Low Voltage, 400 MHz, Quad 2:1
Mux with 3 ns Switching Time
Data Sheet
ADG774A
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2001–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Bandwidth: >400 MHz
Low insertion loss and on resistance: 2.2 Ω typical
On resistance flatness: 0.3 Ω typical
Single 3 V/5 V supply operation
Very low distortion: <0.3%
Low quiescent supply current: 1 nA typical
Fast switching times
tON = 6 ns
tOFF = 3 ns
TTL-/CMOS-compatible
Pb-free packages
16-lead QSSOP
16-lead 3 mm × 3 mm body LFCSP
FUNCTIONAL BLOCK DIAGRAM
1 OF 2
DECODER
ADG774A
EN
IN
S1A
S1B
S2A
S2B
S3A
S3B
S4A
S4B
D1
D2
D3
D4
Figure 1.
GENERAL DESCRIPTION
The ADG774A is a monolithic CMOS device comprising four
2:1 multiplexer/demultiplexers with high impedance outputs.
The CMOS process provides low power dissipation yet offers
high switching speed and low on resistance. The on resistance
variation is typically less than 0.5 Ω over the input signal range.
The bandwidth of the ADG774A is typically 400 MHz and this,
coupled with low distortion (typically 0.3%), makes the part
suitable for switching of high speed data signals.
The on resistance profile is very flat over the full analog input
range ensuring excellent linearity and low distortion. CMOS
construction ensures ultralow power dissipation.
The ADG774A operates from a single 3.3 V/5 V supply and is
TTL logic-compatible. The control logic for each switch is
shown in the truth table (see Table 5).
These switches conduct equally well in both directions when
on. In the off condition, signal levels up to the supplies are
blocked. The ADG774A switches exhibit break-before-make
switching action.
PRODUCT HIGHLIGHTS
1.
Wide bandwidth data rates of >400 MHz.
2.
Ultralow power dissipation.
3.
Low leakage over temperature.
4.
Break-before-make switching prevents channel shorting
when the switches are configured as a multiplexer.
5.
Crosstalk is typically −70 dB @ 10 MHz.
6.
Off isolation is typically −65 dB @ 10 MHz.
7.
Available in compact 3 mm × 3 mm LFCSP.


Similar Part No. - ADG774ABCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774ABCPZ-REEL AD-ADG774ABCPZ-REEL Datasheet
371Kb / 16P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
More results

Similar Description - ADG774ABCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
Quad 2:1 Mux/Demux VSwitch
logo
Analog Devices
ADG774A AD-ADG774A Datasheet
144Kb / 8P
Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
REV.0
logo
Pericom Semiconductor C...
PI5L100 PERICOM-PI5L100 Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
logo
Analog Devices
ADG794 AD-ADG794 Datasheet
354Kb / 12P
Low Voltage, 300 MHz Quad 2:1 Mux Analog HDTV Audio/Video Switch
10/04-Revision 0
logo
Pericom Semiconductor C...
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
Quad 2:1 MUX/DEMUX BusSwitch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
logo
Analog Devices
ADG774ABRQZ AD-ADG774ABRQZ Datasheet
371Kb / 16P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Analog Devices
ADG774A AD-ADG774A_15 Datasheet
371Kb / 16P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
ADG774 AD-ADG774_15 Datasheet
140Kb / 12P
Wide Bandwidth Quad 2:1 Mux
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com