Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG774ABCPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG774ABCPZ-R2
Description  Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774ABCPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG774ABCPZ-R2 Datasheet HTML 3Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 4Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 5Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 6Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 7Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 8Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 9Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 10Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
ADG774A
Rev. C | Page 7 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
20
0
05
VS/VD (V)
16
12
8
4
1
234
VDD = 5.0V
VDD = 4.5V
VDD = 5.5V
TA = 25°C
Figure 4. On Resistance as a Function of Drain (VD) or Source (VS) Voltage for
VDD = 5 V ± 10%
20
0
03.0
VS/VD (V)
16
12
8
4
0.5
1.0
1.5
2.0
2.5
VDD = 3.0V
TA = 25°C
VDD = 2.7V
VDD = 3.3V
Figure 5. On Resistance as a Function of Drain (VD) or Source (VS)
Voltage for VDD = 3 V ± 10%
20
0
05
VS/VD (V)
15
10
5
1
234
VDD = 5V
+85°C
–40°C
+25°C
Figure 6. On Resistance as a Function of Drain (VD) or Source (VS)
Voltage for Different Temperatures with 5 V Single Supplies
20
0
03.0
VS/VD (V)
15
10
5
0.5
1.0
1.5
2.0
2.5
VDD = 3V
+85°C
–40°C
+25°C
Figure 7. On Resistance as a Function of Drain (VD) or Source (VS) Voltage for
Different Temperatures with 3 V Single Supplies
0.025
–0.025
04
VS/VD (V)
0.020
0.015
0.010
0.005
0
–0.005
–0.010
–0.015
–0.020
123
VS
IS (OFF)
IS, ID (ON)
VDD = 5.0V
VSS = 0V
TEMP = 25°C
VD = VDD – VS
ID (OFF)
Figure 8. Leakage Current as a Function of Drain (VD) or Source (VS) Voltage
for VDD = 5 V
0.025
–0.025
03.0
VS/VD (V)
VS
0.020
0.015
0.010
0.005
0
–0.005
–0.010
–0.015
–0.020
0.5
1.0
1.5
2.0
2.5
IS (OFF)
VDD = 3.0V
VSS = 0V
TEMP = 25°C
VD = VDD – VS
ID (OFF)
IS, ID (ON)
Figure 9. Leakage Current as a Function of Drain (VD) or Source (VS) Voltage
for VDD = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com