Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG774ABCPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG774ABCPZ-R2
Description  Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774ABCPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADG774ABCPZ-R2 Datasheet HTML 1Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 2Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 3Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 4Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 5Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 6Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 7Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 8Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
ADG774A
Rev. C | Page 5 of 14
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameters
Rating
VDD to GND
−0.3 V to +6 V
Analog, Digital Inputs1
−0.3 V to VDD + 0.3 V or 30 mA,
whichever occurs first
Continuous Current, S or D
100 mA
Peak Current, S or D
300 mA (pulsed at 1 ms,
10% duty cycle max)
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Thermal Impedance, θJA
16-Lead QSSOP
105.44°C/W2
16-Lead LFCSP (3 mm × 3 mm)
48.7°C/W2
Lead Temperature Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Reflow Soldering (Pb-free)
Peak Temperature
260°C (+0°C/–5°C)
Time at Peak Temperature
10 sec to 40 sec
1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be
limited to the maximum ratings given.
2 Measured with the device soldered on a four-layer board.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com