Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG774ABCPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG774ABCPZ-R2
Description  Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774ABCPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG774ABCPZ-R2 Datasheet HTML 6Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 7Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 8Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 9Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 10Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 11Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 12Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 13Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
ADG774A
Rev. C | Page 11 of 14
TERMINOLOGY
VDD
Most positive power supply potential.
GND
Ground (0 V) reference.
S
Source terminal. May be an input or output.
D
Drain terminal. May be an input or output.
IN
Logic control input.
EN
Logic control input.
RON
Ohmic resistance between D and S.
∆RON
On resistance match between any two channels, that is,
RON max − RON min.
RFLAT(ON)
Flatness is defined as the difference between the maximum and
minimum value of on resistance as measured over the specified
analog signal range.
IS (OFF)
Source leakage current with the switch off.
ID (OFF)
Drain leakage current with the switch off.
ID, IS (ON)
Channel leakage current with the switch on.
VD (VS)
Analog voltage on the D and S terminals.
CS (OFF)
Off switch source capacitance.
CD (OFF)
Off switch drain capacitance.
CD, CS (ON)
On switch capacitance.
tON
Delay between applying the digital control input and the output
switching on. See Figure 22.
tOFF
Delay between applying the digital control input and the output
switching off.
tD
Off time or on time measured between the 80% points of both
switches when switching from one address state to another. See
Figure 23.
Crosstalk
A measure of unwanted signal that is coupled through from one
channel to another because of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling through an off switch.
Bandwidth
Frequency response of the switch in the on state measured at
3 dB down.
Distortion
RFLAT(ON)/RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com