Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG774ABCPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG774ABCPZ-R2
Description  Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774ABCPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG774ABCPZ-R2 Datasheet HTML 4Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 5Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 6Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 7Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 8Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 9Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 10Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 11Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADG774A
Data Sheet
Rev. C | Page 8 of 14
0.05
–0.05
585
TEMPERATURE (°C)
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
15
25
35
45
55
65
75
VDD = 5.0V
VSS = 0V
TEMP = 25°C
VD = 3V/1V
VS = 1V/3V
IS, ID (ON)
ID (OFF)
IS (OFF)
Figure 10. Leakage Current as a Function of Temperature, VDD = 5 V
0.05
–0.05
585
TEMPERATURE (°C)
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
15
25
35
45
55
65
75
IS, ID (ON)
ID (OFF)
IS (OFF)
VDD = 3.0V
VSS = 0V
TEMP = 25°C
VD = 2V/1V
VS = 1V/2V
Figure 11. Leakage Current as a Function of Temperature, VDD = 3 V
0
–100
0.01
1000
FREQUENCY (MHz)
0.1
1
10
100
–20
–40
–60
–80
Figure 12. Off Isolation vs. Frequency
0
–100
0.01
1000
FREQUENCY (MHz)
0.1
1
10
100
–20
–40
–60
–80
Figure 13. Crosstalk vs. Frequency
0
–15
0.01
1000
FREQUENCY (MHz)
0.1
1
10
100
–5
–10
Figure 14. Bandwidth
0
–7
02.5
VOLTAGE (V)
–1
–2
–3
–4
–5
–6
0.5
1.0
1.5
2.0
VDD = 3V
VDD = 5V
Figure 15. Charge Injection vs. Source Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com