Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG774ABCPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG774ABCPZ-R2
Description  Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774ABCPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG774ABCPZ-R2 Datasheet HTML 6Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 7Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 8Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 9Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 10Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 11Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 12Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 13Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ADG774A
Data Sheet
Rev. C | Page 12 of 14
APPLICATION CIRCUITS
ADG774A
TRANSFORMER
Tx1
Tx2
Rx1
Rx2
10 BASE Tx+
10 BASE Tx–
100 BASE Tx+
100 BASE Tx–
10 BASE Tx+
10 BASE Tx–
100 BASE Tx+
100 BASE Tx–
10 BASE Tx
100 BASE Tx
RJ45
Figure 25. Full Duplex Transceiver
Tx1
Rx1
120Ω
100Ω
Figure 26. Loop Back
Figure 27. Line Termination
Figure 28. Line Clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com