Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG774ABCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG774ABCPZ-R2
Description  Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774ABCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG774ABCPZ-R2 Datasheet HTML 6Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 7Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 8Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 9Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 10Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 11Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 12Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 13Page - Analog Devices ADG774ABCPZ-R2 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ADG774A
Data Sheet
Rev. C | Page 10 of 14
0.1µF
5V
VS
IN
SD
VDD
GND
RL
100Ω
CL
35pF
VOUT
EN
3V
50%
50%
90%
90%
VIN
VOUT
tON
tOFF
Figure 22. Switching Times
0.1µF
5V
VS
EN
S1A
D1
VDD
GND
RL
100Ω
CL
35pF
VOUT
S1B
DECODER
VS
80%
80%
VIN
VOUT
tD
tD
50%
50%
3V
0V
VS
Figure 23. Break-Before-Make Time Delay
5V
EN
S1A
VDD
CL
1nF
S1B
VIN
VOUT
3V
QINJ = CL × ∆VOUT
∆VOUT
CL
1nF
CL
1nF
CL
1nF
D1 VOUT
D2 VOUT
D3 VOUT
D4 VOUT
ADG774A
1 OF 2
DECODER
IN
S2A
S2B
S3A
S3B
S4A
S4B
VS
RS
Figure 24. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com