Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16505-2/PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 4 Page - Analog Devices

  ADIS16505-2/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
ADIS16505
Data Sheet
Rev. C | Page 4 of 41
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Output Noise
No filtering, 1 σ, 25°C
ADIS16505-1, x-axis, y-axis
68 × 10−3
°/sec rms
ADIS16505-1, z-axis
104 × 10−3
°/sec rms
ADIS16505-2, x-axis, y-axis
82 × 10−3
°/sec rms
ADIS16505-2, z-axis
116 × 10−3
°/sec rms
ADIS16505-3, all axes
152 × 10−3
°/sec rms
Rate Noise Density
Frequency = 10 Hz to 40 Hz
181 × 10−3
ADIS16505-1, x-axis and y-axis
°/sec/√Hz rms
ADIS16505-1, z-axis
3.0 × 10−3
°/sec/√Hz rms
ADIS16505-2, x-axis and y-axis
4.3 × 10−3
°/sec/√Hz rms
ADIS16505-2, z-axis
3.4 × 10−3
°/sec/√Hz rms
ADIS16505-3, x-axis and y-axis
4.6 × 10−3
°/sec/√Hz rms
ADIS16505-3, z axis
6.1 × 10−3
°/sec/√Hz rms
3 dB Bandwidth
ADIS16505-1, ADIS16505-2, x-axis and y-axis
480
Hz
ADIS16505-1, ADIS16505-2, z-axis
590
Hz
ADIS16505-3, x-axis and y-axis
573
Hz
ADIS16505-3, z-axis
639
Hz
Sensor Resonant Frequency
X-axis, y-axis
66
kHz
Z-axis
78
kHz
ACCELEROMETERS4
Each axis
Dynamic Range
±78.4
m/sec2
Sensitivity
32-bit data format
26,756,268
LSB/(m/sec2)
Error over Temperature
−40°C ≤ TC ≤ +85°C, 1 σ
±0.07
%
Repeatability3
−40°C ≤ TC ≤ +85°C, 1 σ
±0.1
%
Misalignment Error
Axis to axis, −40°C ≤ TC ≤ +85°C, 1 σ
±0.05
Degrees
Nonlinearity
Best fit straight line, ±19.6 m/sec2
0.25
%FS
Best fit straight line, ±78.4 m/sec2, x-axis
0.5
%FS
Best fit straight line, ±78.4 m/sec2,
y-axis and z-axis
1.5
%FS
Bias
Repeatability3
−40°C ≤ TC ≤ +85°C, 1 σ
19.6 × 10−3
m/sec2
In-Run Bias Stability
1 σ
X-Axis and Y-Axis
26.5 × 10−6
m/sec2
Z-Axis
43.1 × 10−6
m/sec2
Velocity Random Walk
1 σ
X-Axis and Y-Axis
0.009
m/sec/√hr
Z-Axis
0.012
m/sec/√hr
Error over Temperature
−40°C ≤ TC ≤ +85°C, 1 σ
±9.8 × 10−3
m/sec2
Output Noise
No filtering
X-Axis and Y-Axis
4.8 × 10−3
m/sec2 rms
Z-Axis
6.07 × 10−3
m/sec2 rms
Noise Density
f = 10 Hz to 40 Hz, no filtering
X-Axis and Y-Axis
167 × 10−6
m/sec2/√Hz rms
Z-Axis
243 × 10−6
m/sec2/√Hz rms
3 dB Bandwidth
750
Hz
Sensor Resonant Frequency
X-axis and y-axis
2.4
kHz
Z-axis
2.2
kHz
TEMPERATURE SENSOR
Scale Factor
Output = 0x0000 at 0°C (±5°C)
0.1
°C/LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com