Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16505-2/PCBZ Datasheet(PDF) 41 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 41 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 39Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 40Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
Data Sheet
ADIS16505
Rev. C | Page 41 of 41
PACKAGING AND ORDERING INFORMATION
OUTLINE DIMENSIONS
A1 BALL
CORNER INDICATOR
TOP VIEW
SIDE VIEW
BOTTOM VIEW
15.127
15.000 SQ
14.873
6.077
5.720
5.363
1.785
BSC
1.785
BSC
0.900
Ø0.750
0.600
0.900
0.750
0.600
1
2
3
4
5
6
7
8
9
10
A
B
C
D
E
F
G
H
J
K
SEATING
PLANE
3.450
3.400
3.350
1.270
BSC
11.430
REF
A1 BALL CORNER
INDICATOR
Figure 66. 100-Ball Ball Grid Array Module [BGA]
(ML-100-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADIS16505-1BMLZ
−40°C to +105°C
100-Ball Ball Grid Array Module [BGA]
ML-100-1
ADIS16505-2BMLZ
−40°C to +105°C
100-Ball Ball Grid Array Module [BGA]
ML-100-1
ADIS16505-3BMLZ
−40°C to +105°C
100-Ball Ball Grid Array Module [BGA]
ML-100-1
ADIS16505-1/PCBZ
ADIS16505-1 Breakout Board
ADIS16505-2/PCBZ
ADIS16505-2 Breakout Board
ADIS16505-3/PCBZ
ADIS16505-3 Breakout Board
EVAL-ADIS2Z
EVAL-ADIS2 Evaluation Board
1 Z = RoHS Compliant Part.
©2019–2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D17328-10/20(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com