Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16505-2/PCBZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 5 Page - Analog Devices

  ADIS16505-2/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
Data Sheet
ADIS16505
Rev. C | Page 5 of 41
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INPUTS5
Input Voltage
High, VIH
2.0
V
Low, VIL
0.8
V
RST Pulse Width
1
μs
Input Current
Logic 1, IIH
VIH = 3.3 V
10
μA
Logic 0, IIL
VIL = 0 V
All Pins Except RST
10
μA
RST Pin
0.33
mA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
Output Voltage
High, VOH
Source current (ISOURCE) = 0.5 mA
2.4
V
Low, VOL
Sink current (ISINK) = 2.0 mA
0.4
V
FLASH MEMORY
Endurance6
10,000
Cycles
Data Retention7
TJ = 85°C
20
Years
FUNCTIONAL TIMES8
Time until data is available
Power-On Start-Up Time
310
ms
Reset Recovery Time9
GLOB_CMD, Bit 7 = 1 (see Table 112)
255
ms
Factory Calibration Restore
GLOB_CMD, Bit 1 = 1 (see Table 112)
136
ms
Flash Memory Backup
GLOB_CMD, Bit 3 = 1 (see Table 112)
70
ms
Flash Memory Test Time
GLOB_CMD, Bit 4 = 1 (see Table 112)
30
ms
Self Test Time10
GLOB_CMD, Bit 2 = 1 (see Table 112)
24
ms
CONVERSION RATE
2000
SPS
Initial Clock Accuracy
3
%
Sync Input Clock
1.9
2.1
kHz
POWER SUPPLY, VDD
Operating voltage range
3.0
3.6
V
Power Supply Current11
Normal mode, VDD = 3.3 V
44
55
mA
1 Cross-axis sensitivity is the sine of this number.
2 This measurement is based on the deviation from a best fit linear model.
3 Bias repeatability provides an estimate for long-term drift in the bias, as observed during 500 hours of high temperature operating life (HTOL) at 105°C.
4 All specifications associated with the accelerometers relate to the full-scale range of ±8 g, unless otherwise noted.
5 The digital input/output signals use a 3.3 V system.
6 Endurance is qualified as per JEDEC Standard 22, Method A117, measured at −40°C, +25°C, +85°C, and +125°C.
7 The data retention specification assumes a junction temperature (TJ) of 85°C per JEDEC Standard 22, Method A117. Data retention lifetime decreases with TJ.
8 These times do not include thermal settling and internal filter response times, which may affect overall accuracy.
9 The RST line must be in a low state for at least 10 μs to ensure a proper reset initiation and recovery.
10 The self test time can extend when using external clock rates lower than 2000 Hz.
11 Power supply current transients can reach 100 mA during initial startup or reset recovery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com