Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16505-2/PCBZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
Data Sheet
ADIS16505
Rev. C | Page 15 of 41
THEORY OF OPERATION
INTRODUCTION
Figure 30 provides the basic signal chain for the accelerometers
and gyroscopes of the ADIS16505. When using the factory
default configuration, the ADIS16505 initializes itself at power-
up and automatically starts a continuous process of sampling,
processing, and loading calibrated sensor data into its output
registers at a rate of 2000 SPS.
CLOCK CONTROL
The ADIS16505 provides four modes of operation with respect
to the source of the sampling and processing clock (see the
frequency sampling clock (fSM) in Figure 30): internal, direct
input sync, scaled sync, and output sync. The MSC_CTRL
register, Bits[3:2] (see Table 105 and Table 106) provide user
selection of these modes.
Note that changes to the MSC_CTRL[3:2] and UP_SCALE
registers are only updated for readback after the internal clock
configuration is complete. Therefore, the user must wait until
the DR pin toggles before attempting to verify the desired
settings by reading the values of these registers. Changes to
MSC_CTRL[9:6] may take up to 200 μs after writing to indicate
to the new value during readback. The external clock must also
be present for two external clock cycles if either direct input
sync mode or scaled sync mode is programmed.
Internal Clock Mode
Setting MSC_CTRL register, Bits[3:2] = 00 selects the internal
clock mode and is the default. In this mode, the ADIS16505
uses an internally generated clock that has a nominal frequency
of 2000 Hz to drive sampling and data processing for each
sensor and associated signal chain.
Direct Input Sync Mode
Setting MSC_CTRL register, Bits[3:2] = 01 selects direct input
sync mode and allows fSM to come directly from an external
clock to control the sensor sampling using the SYNC pin as an
input. When operating in input sync mode, the ADIS16505
performs best when the external clock frequency (fSYNC) is
between 1900 Hz and 2100 Hz.
Scaled Sync Mode
Setting MSC_CTRL register, Bits[3:2] = 10 selects scaled sync
mode, which supports use of an external sync clock between
1 Hz and 128 Hz that can come from video systems or global
positioning systems (GPSs). When operating in scaled sync
mode, the frequency of the sample clock is equal to the product
of the external clock scale factor, KECSF (from the UP_SCALE
register, see Table 107 and Table 108), and the frequency of
the clock signal on the SYNC pin. As in input sync mode, the
ADIS16505 performs best when fSM is between 1900 Hz and
2100 Hz.
Changes to the UP_SCALE register value resets the clock
multiplication phase-locked loop (PLL) and restarts the locking
process. The locking process starts with an input reference
clock edge resetting the feedback clock edge, and lock is declared
when time differences between these two edges is ≤100 μs.
For example, when using a 1 Hz input signal, set UP_SCALE =
0x07D0 (KECSF = 2000 (decimal)) to establish a sample rate of
2000 SPS for the inertial sensors and their signal processing.
Use the following sequence on the DIN pin to configure
UP_SCALE for this scenario: 0xE2D0, then 0xE307.
Output Sync Mode
When Register MSC_CTRL, Bits[3:2] = 11, the ADIS16505
operates in output sync mode, which is the same as internal
clock mode except that the SYNC pin pulses when the internal
processor collects data from the inertial sensors. Figure 29
provides an example of this signal.
SYNC
500µs
GYROSCOPE AND
ACCELEROMETER
DATA ACQUISITION
Figure 29. Sync Output Signal, Register MSC_CTRL, Bits[3:2] = 11
BARTLETT
WINDOW
FILTER
CALIBRATION
DECIMATION
FILTER
OUTPUT
DATA
REGISTERS
CONTROL
REGISTERS
CLOCK
CONTROL
SERIAL
PERIPHERAL
INTERFACE
SYNC PIN
(
fSYNC)
fSM
fODR
DIGITAL
FILTER
ACCELEROMETER/
GYROSCOPE
Figure 30. Sensor Signal Chain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com