Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16505-2/PCBZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 1 Page - Analog Devices

  ADIS16505-2/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Precision, Miniature MEMS IMU
Data Sheet
ADIS16505
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Triaxial, digital gyroscope
±125°/sec, ±500°/sec, ±2000°/sec dynamic range models
2.3°/hr in-run bias stability (ADIS16505-1)
0.13°/√hr angular random walk, x-axis and y-axis, 1 σ
(ADIS16505-1)
±0.25° axis to axis misalignment error
Triaxial, digital accelerometer, ±78.4 m/sec² dynamic range
26.5 μm/sec² in-run bias stability (x-axis and y-axis)
Triaxial, delta angle and delta velocity outputs
Factory calibrated sensitivity, bias, and axial alignment
Calibration temperature range: −40°C to +85°C
SPI compatible data communications
Programmable operation and control
Automatic and manual bias correction controls
Data ready indicator for synchronous data acquisition
External sync modes: direct, scaled, and output
On demand self-test of inertial sensors
On demand self-test of flash memory
Single-supply operation (VDD): 3.0 V to 3.6 V
14,700 m/sec2 mechanical shock survivability
Operating temperature range: −40°C to +105°C
APPLICATIONS
Navigation, stabilization, and instrumentation
Unmanned and autonomous vehicles
Smart agriculture and construction machinery
Factory/industrial automation, robotics
Virtual/augmented reality
Internet of Moving Things
GENERAL DESCRIPTION
The ADIS16505 is a precision, miniature microelectromechanical
system (MEMS) inertial measurement unit (IMU) that includes
a triaxial gyroscope and a triaxial accelerometer. Each inertial
sensor in the ADIS16505 combines with signal conditioning
that optimizes dynamic performance. The factory calibration
characterizes each sensor for sensitivity, bias, alignment,
linear acceleration (gyroscope bias), and point of percussion
(accelerometer location). As a result, each sensor has dynamic
compensation formulas that provide accurate sensor
measurements over a broad set of conditions.
The ADIS16505 provides a simplified, cost effective method for
integrating accurate, multiaxis inertial sensing into industrial
systems, especially when compared with the complexity and
investment associated with discrete designs. All necessary motion
testing and calibration are part of the production process at the
factory, greatly reducing system integration time. Tight orthogonal
alignment simplifies inertial frame alignment in navigation
systems. The serial peripheral interface (SPI) and register
structure provide a simple interface for data collection and
configuration control.
The ADIS16505 is available in a 100-ball, ball grid array (BGA)
package that is approximately 15 mm × 15 mm × 5 mm.
FUNCTIONAL BLOCK DIAGRAM
CONTROLLER
POWER
MANAGEMENT
CS
SCLK
DIN
DOUT
GND
VDD
DR
SYNC
RST
SPI
SELF TEST
INPUT/OUTPUT
OUTPUT
DATA
REGISTERS
USER
CONTROL
REGISTERS
CALIBRATION
AND
FILTERS
ADIS16505
CLOCK
TRIAXIAL
GYROSCOPE
TEMPERATURE
SENSOR
TRIAXIAL
ACCELEROMETER
Figure 1.


Similar Part No. - ADIS16505-2/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16505-2 AD-ADIS16505-2 Datasheet
801Kb / 41P
Precision, Miniature MEMS IMU
7/2020-Rev. A to Rev. B
ADIS16505-2BMLZ AD-ADIS16505-2BMLZ Datasheet
801Kb / 41P
Precision, Miniature MEMS IMU
7/2020-Rev. A to Rev. B
ADIS16505-2PCBZ AD-ADIS16505-2PCBZ Datasheet
801Kb / 41P
Precision, Miniature MEMS IMU
7/2020-Rev. A to Rev. B
More results

Similar Description - ADIS16505-2/PCBZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
Miniature Bottom Port Analog MEMS Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
Miniature Bottom Port Analog MEMS Microphone
logo
Analog Devices
ADIS16500 AD-ADIS16500 Datasheet
778Kb / 40P
Precision, Miniature MEMS IMU
6/2020-Rev. 0 to Rev. A
ADIS16505 AD-ADIS16505 Datasheet
801Kb / 41P
Precision, Miniature MEMS IMU
7/2020-Rev. A to Rev. B
ADIS16507 AD-ADIS16507 Datasheet
941Kb / 42P
Precision, Miniature MEMS IMU
7/2020-Rev. 0 to Rev. A
ADIS16465 AD-ADIS16465 Datasheet
749Kb / 33P
Precision MEMS IMU Module
4/2020-Rev. B to Rev. C
ADIS16467 AD-ADIS16467 Datasheet
758Kb / 34P
Precision MEMS IMU Module
2/2020-Rev. B to Rev. C
ADIS16470 AD-ADIS16470 Datasheet
1Mb / 36P
Wide Dynamic Range, Miniature MEMs IMU
4/2019-Rev. B to Rev. C
ADIS16475 AD-ADIS16475 Datasheet
1Mb / 37P
Precision, Miniature MEMs IMU
4/2020-Rev. C to Rev. D
ADIS16477 AD-ADIS16477 Datasheet
970Kb / 37P
Precision, Miniature MEMs IMU
4/2020-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com