Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16505-2/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
ADIS16505
Data Sheet
Rev. C | Page 18 of 41
READING SENSOR DATA
Reading a single register requires two 16-bit cycles on the SPI:
one to request the contents of a register and another to receive
those contents. The 16-bit command code (see Figure 40) for a
read request on the SPI has three parts: the read bit (R/W = 0),
either address of the register, [A6:A0], and eight don’t care bits,
[DC7:DC0]. Figure 39 shows an example that includes two register
reads in succession. This example starts with DIN = 0x0C00 to
request the contents of the Z_GYRO_LOW register, and follows
with 0x0E00 to request the contents of the Z_GYRO_OUT
register. The sequence in Figure 39 also shows full duplex mode
of operation, which means that the ADIS16505 can receive
requests on DIN while also transmitting data out on DOUT
within the same 16-bit SPI cycle.
DIN
DOUT
0x0C00
0x0E00
NEXT
ADDRESS
Z_GYRO_LOW
Z_GYRO_OUT
Figure 39. SPI Read Example
Figure 41 provides an example of the four SPI signals when
reading the PROD_ID register (see Table 120) in a repeating
pattern. This pattern can be helpful when troubleshooting the
SPI interface setup and communications because the signals are
the same for each 16-bit sequence, except during the first cycle.
R/W
R/W
A6
A5
A4
A3
A2
A1
A0
DC7 DC6 DC5 DC4 DC3 DC2 DC1 DC0
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
CS
SCLK
DIN
DOUT
A6
A5
D13
D14
D15
NOTES
1. DOUT BITS ARE PRODUCED ONLY WHEN THE PREVIOUS 16-BIT DIN SEQUENCE STARTS WITH R/W = 0.
2. WHEN CS IS HIGH, DOUT IS IN A THREE-STATE, HIGH IMPEDANCE MODE, WHICH ALLOWS MULTIFUNCTIONAL USE OF THE LINE
FOR OTHER DEVICES.
Figure 40. SPI Communication Bit Sequence
CS
SCLK
DIN
DOUT
DIN = 0x7200 = 0111 0010 0000 0000
DOUT = 0100 0000 0111 1001 = 0x4079 = 16505 (PROD_ID)
HIGH-Z
HIGH-Z
Figure 41. SPI Signal Pattern, Repeating Read of the PROD_ID Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com