Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16505-2/PCBZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 39Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 40Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
Data Sheet
ADIS16505
Rev. C | Page 39 of 41
POWER SUPPLY CONSIDERATIONS
The ADIS16505 contains 6 μF of decoupling capacitance across
the VDD and GND pins. When the VDD voltage rises from 0 V
to 3.3 V, the charging current for this capacitor bank imposes
the following current profile (in amperes):


dt
t
dVDD
dt
dVDD
C
t
I
DD
6
10
6
where:
IDD(t) is the current demand on the VDD pin during the initial
power supply ramp, with respect to time.
C is the internal capacitance across the VDD and GND pins (6 μF).
VDD(t) is the voltage on the VDD pin, with respect to time.
For example, if VDD follows a linear ramp from 0 V to 3.3 V,
in 66 μs, the charging current is 300 mA for that timeframe.
The ADIS16505 also contains embedded processing functions
that present transient current demands during initialization or
reset recovery operations. During these processes, the peak
current demand reaches 250 mA and occurs at a time that is
approximately 40 ms after VDD reaches 3.0 V (or ~40 ms
after initiating a reset sequence).
EVALUATION TOOLS
Breakout Boards
The ADIS16505 has three difference breakout boards, which
provide a simple way to connect an ADIS16505 model and an
existing embedded processor platform. Table 133 provides a list
of the model numbers for each breakout board, along with the
ADIS16505 model that is on each breakout board. Figure 63
shows the ADIS16505-2 which is identical to the ADIS16505-1
and ADIS16505-3 boards.
Figure 63. ADIS16505-2 Breakout Board
Table 133. Breakout Board Models
Breakout Board Model
ADIS16505 Model
ADIS16505-1/PCBZ
ADIS16505-1BMLZ
ADIS16505-2/PCBZ
ADIS16505-2BMLZ
ADIS16505-3/PCBZ
ADIS16505-3BMLZ
The electrical interface (J1) on each breakout board comes from
a dual row, 2 mm pitch, 16-pin interface, which supports standard
ribbon cabling (1 mm pitch). Table 134 provides the J1 pin
assignments, which support direct connection with an
embedded processor board using standard ribbon cables.
Although each case may present its own set of sensitivities
(such as electromagnetic interference (EMI)), these boards can
typically support reliable communication over ribbon cables up
to 20 cm in length.
Table 134. J1 Pin Assignments, Breakout Board
J1 Pin Number
Signal
Function
1
RST
Reset
2
SCLK
SPI
3
CS
SPI
4
DOUT
SPI
5
NC
No connect
6
DIN
SPI
7
GND
Ground
8
GND
Ground
9
GND
Ground
10
VDD
Power, 3.3 V
11
VDD
Power, 3.3 V
12
VDD
Power, 3.3 V
13
DR
Data ready
14
SYNC
Input clock
15
NC
No connect
16
NC
No connect
Figure 64 provides a top view of the breakout board, including
dimensional locations for all the key mechanical features, such as
the mounting holes and the 16-pin header. Figure 65 provides an
electrical schematic for this breakout board. For additional
information, refer to the ADIS1650x-x/PCBZ Breakout Board
Wiki Guide.
PC-Based Evaluation, EVAL-ADIS2
In addition to supporting quick prototype connections between
the ADIS16505 and an embedded processing system, J1 on the
breakout boards also connects directly to J1 on the EVAL-ADIS2
evaluation system. When used in conjunction with the IMU
Evaluation Software for the EVAL-ADISX Platforms, the
EVAL-ADIS2 provides a simple, functional test platform that
allows users to configure and collect data from the ADIS16505
IMUs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com