Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16505-2/PCBZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
ADIS16505
Data Sheet
Rev. C | Page 16 of 41
BARTLETT WINDOW FILTER
The Bartlett window filter is a finite impulse response (FIR) filter
(see Figure 31) that contains two averaging filter stages in a
cascade configuration. The FILT_CTRL register (see Table 102)
provides the configuration controls for this filter.
FROM
USER
CALIBRATION
TO AVERAGING
DECIMATING
FILTER
Σ
1
N
N
n = 1
ω(n)
Σ
1
N
N
n = 1
ω(n)
Figure 31. Bartlett Window FIR Filter Signal Path
CALIBRATION
The inertial sensor calibration function for the gyroscopes and the
accelerometers has two components: factory calibration and
user calibration (see Figure 32).
TO
AVERAGING
DECIMATING
FILTER
FACTORY
CALIBRATION
USER
CALIBRATION
FROM
BARTLETT
WINDOW
FIR FILTER
Figure 32. Inertial Sensor Calibration Processing
The factory calibration of the gyroscope applies the following
correction formulas to the data of each gyroscope:
ZC
YC
XC
33
32
31
23
22
21
13
12
11
Z
Y
X
Z
Y
X
33
32
31
23
22
21
13
12
11
ZC
YC
XC
a
a
a
l
l
l
l
l
l
l
l
l
b
b
b
ω
ω
ω
m
m
m
m
m
m
m
m
m
ω
ω
ω
where:
ωXC, ωYC, and ωZC are the gyroscope outputs (post calibration).
m11, m12, m13, m21, m22, m23, m31, m32, and m33 provide scale and
alignment correction.
ωX, ωY, and ωZ are the gyroscope outputs (precalibration).
bX, bY, and bZ provide bias correction.
l11, l12, l13, l21, l22, l23, l31, l32, and l33 provide linear acceleration
correction
aXC, aYC, and aZC are the accelerometer outputs (post calibration).
All of the correction factors in this relationship come from
direct observation of the response of each gyroscope at multiple
temperatures over the calibration temperature range (−40°C ≤
TC ≤ +85°C). These correction factors are stored in the flash
memory bank, but they are not available for observation or
configuration.
Register MSC_CTRL, Bit 7 (see Table 106) provides the only
user-configurable option for the factory calibration of the
gyroscopes: an on/off control for the linear acceleration
compensation. See Figure 56 for more details on the user
calibration options available for the gyroscopes.
The factory calibration of the accelerometer applies the following
correction formulas to the data of each accelerometer:
2
2
2
32
31
23
21
13
12
33
32
31
23
22
21
13
12
11
0
0
0
ZC
YC
XC
Z
Y
X
Z
Y
X
ZC
YC
XC
p
p
p
p
p
p
b
b
b
a
a
a
m
m
m
m
m
m
m
m
m
a
a
a
where:
aXC, aYC, and aZC are the accelerometer outputs (post calibration).
m11, m12, m13, m21, m22, m23, m31, m32, and m33 provide scale and
alignment correction.
aX, aY, and aZ are the accelerometer outputs (precalibration).
bX, bY, and bZ provide bias correction.
p12, p13, p21, p23, p31 and p32 provide a point of percussion
alignment correction (see Figure 59).
ω2XC, ω2YC, and ω2ZC are the square of the gyroscope outputs
(post calibration).
All of the correction factors in this relationship come from
direct observation of the response of each accelerometer at
multiple temperatures, over the calibration temperature range
(−40°C ≤ TC ≤ +85°C). These correction factors are stored
in the flash memory bank but are not available for observation
or configuration. MSC_CTRL, Bit 6 (see Table 106) provides
the only user configuration option for the factory calibration of
the accelerometers: an on/off control for the point of percussion,
alignment function. See Figure 57 for more details on the user
calibration options available for the accelerometers.
DECIMATION FILTER
The second digital filter averages multiple samples together to
produce each register update. The number of samples in the
average is equal to the reduction in the update rate (fODR) for the
output data registers (see Figure 33). The DEC_RATE register
(see Table 110) provides the configuration controls for this filter.
FROM
USER
CALIBRATION
÷N
TO OUTPUT
REGISTERS
Σ
1
N
N
n = 1
ω(n)
Figure 33. Decimating Filter Diagram
REGISTER STRUCTURE
All communication between the ADIS16505 and an external
processor involves either reading the contents of an output
register or writing configuration/command information to a
control register. The output data registers include the latest
sensor data, error flags, and identification information. The
control registers include sample rate, filtering, calibration, and
diagnostic options. Each user accessible register has two bytes
(upper and lower), each of which has its own unique address.
See Table 9 for a detailed list of all user registers, along with
their addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com