Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2482 Datasheet(PDF) 56 Page - OSRAM GmbH

Part # DL2482
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DL2482 Datasheet(HTML) 56 Page - OSRAM GmbH

Back Button DL2482 Datasheet HTML 52Page - OSRAM GmbH DL2482 Datasheet HTML 53Page - OSRAM GmbH DL2482 Datasheet HTML 54Page - OSRAM GmbH DL2482 Datasheet HTML 55Page - OSRAM GmbH DL2482 Datasheet HTML 56Page - OSRAM GmbH DL2482 Datasheet HTML 57Page - OSRAM GmbH DL2482 Datasheet HTML 58Page - OSRAM GmbH DL2482 Datasheet HTML 59Page - OSRAM GmbH DL2482 Datasheet HTML 60Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
55
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
5. Data for control gear manufacturers
5.1.2 Starting
(ECG operation)
Lamp
Maximum
Minimum open-circuit voltage for ignition
open-circuit voltage
Ambient
Ambient
during preheating
temperature
temperature
>+10°C
-15°C to +10°C
Vrms
Vrms
Vrms
OSRAM DULUX® S/E 5 W
120
250
300
OSRAM DULUX® S/E 7 W
130
270
320
OSRAM DULUX® S/E 9 W
150
290
340
OSRAM DULUX® S/E 11 W
170
330
370
OSRAM DULUX® D/E 10 W
180
340
360
OSRAM DULUX® D/E 13 W
190
380
420
OSRAM DULUX® D/E 18 W
220
400
460
OSRAM DULUX® D/E 26 W
240
420
520
OSRAM DULUX® T/E 13 W
190
400
430
OSRAM DULUX® T/E 18 W
250
430
450
OSRAM DULUX® T/E 26 W
265
500
520
OSRAM DULUX® T/E 32 W
265
530
550
OSRAM DULUX® T/E 42 W
265
550
575
OSRAM DULUX® T/E 18 W IN
250
550
550
OSRAM DULUX® T/E 26 W IN
265
550
560
OSRAM DULUX® T/E 32 W IN
265
560
600
OSRAM DULUX® T/E 42 W IN
265
600
600
OSRAM DULUX® T/E 57 W IN
350
640
660
OSRAM DULUX® T/E 70 W IN
350
700
750
OSRAM DULUX® L 18 W
150
300
320
OSRAM DULUX® L 24 W
170
320
340
OSRAM DULUX® L 36 W
190
340
380
OSRAM DULUX® L 40 W
220
360
420
OSRAM DULUX® L 55 W
220
360
420
OSRAM DULUX® L 80 W
230
370
420
OSRAM DULUX® F 18 W
130
350
390
OSRAM DULUX® F 24 W
170
400
440
OSRAM DULUX® F 36 W
190
420
480
The lamp should not ignite during the preheating time; the open-circuit voltage of the
ECG must therefore not exceed a lamp-specific maximum value. After the preheating
phase the lamp should ignite reliably; the open-circuit voltage of the ECG must there-
fore not fall below a lamp-specific minimum value. The following table contains the
permissible or necessary limit values for the open-circuit voltage of the ECG. Because
of the temperature response of the ignition voltage of fluorescent lamps and compact
fluorescent lamps, these values are given for two ambient temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com