Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2482 Datasheet(PDF) 59 Page - OSRAM GmbH

Part # DL2482
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DL2482 Datasheet(HTML) 59 Page - OSRAM GmbH

Back Button DL2482 Datasheet HTML 55Page - OSRAM GmbH DL2482 Datasheet HTML 56Page - OSRAM GmbH DL2482 Datasheet HTML 57Page - OSRAM GmbH DL2482 Datasheet HTML 58Page - OSRAM GmbH DL2482 Datasheet HTML 59Page - OSRAM GmbH DL2482 Datasheet HTML 60Page - OSRAM GmbH DL2482 Datasheet HTML 61Page - OSRAM GmbH DL2482 Datasheet HTML 62Page - OSRAM GmbH DL2482 Datasheet HTML 63Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
Lamp
Minimum
mTarget
bTarget
mmin
bmin
mmax
bmax
lamp current
[A2/A]
[A2][A2/A]
[A2][A2/A]
[A2]
[A]
OSRAM DULUX® S/E 5 W
0.015
0.072
0.030
0.240
0.030
0.060
0.040
OSRAM DULUX® S/E 7 W
0.015
0.072
0.030
0.240
0.030
0.060
0.040
OSRAM DULUX® S/E 9 W
0.015
0.072
0.030
0.240
0.030
0.060
0.040
OSRAM DULUX® S/E 11 W
0.015
0.072
0.030
0.240
0.030
0.060
0.040
OSRAM DULUX® D/E 10 W
0.015
0.078
0.035
0.260
0.035
0.065
0.045
OSRAM DULUX® D/E 13 W
0.015
0.078
0.035
0.260
0.035
0.065
0.045
OSRAM DULUX® D/E 18 W
0.020
0.105
0.070
0.350
0.070
0.090
0.080
OSRAM DULUX® D/E 26 W
0.030
0.171
0.175
0.570
0.175
0.145
0.210
OSRAM DULUX® T/E 13 W
0.0
0.078
0.035
0.260
0.035
0.065
0.045
OSRAM DULUX® T/E 18 W 1)
0.020
0.105
0.070
0.350
0.070
0.090
0.080
OSRAM DULUX® T/E 26 W 1)
0.030
0.171
0.175
0.570
0.175
0.145
0.210
OSRAM DULUX® T/E 32 W 1)
0.030
0.171
0.175
0.570
0.175
0.145
0.210
OSRAM DULUX® T/E 42 W 1)
0.030
0.171
0.175
0.570
0.175
0.145
0.210
OSRAM DULUX® T/E 57 W IN 0.030
0.171
0.175
0.570
0.175
0.145
0.210
OSRAM DULUX® T/E 70 W IN 0.030
0.171
0.175
0.570
0.175
0.145
0.210
OSRAM DULUX® L 18 W
0.035
0.189
0.210
0.630
0.210
0.160
0.255
OSRAM DULUX® L 24 W
0.035
0.189
0.210
0.630
0.210
0.160
0.255
OSRAM DULUX® L 36 W
0.040
0.213
0.270
0.710
0.270
0.180
0.325
OSRAM DULUX® L 40 W
0.035
0.189
0.210
0.630
0.210
0.160
0.255
OSRAM DULUX® L 55 W
0.050
0.279
0.450
0.930
0.450
0.235
0.550
OSRAM DULUX® L 80 W
0.055
0.306
0.550
1.020
0.550
0.260
0.665
OSRAM DULUX® F 18 W
0.035
0.189
0.210
0.630
0.210
0.160
0.255
OSRAM DULUX® F 24 W
0.035
0.189
0.210
0.630
0.210
0.160
0.255
OSRAM DULUX® F 36 W
0.040
0.213
0.270
0.710
0.270
0.180
0.325
1)
Also for IN model
58
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
lamp life will be drastically reduced. If the sum of the squares of the pin currents
increases with respect to the target value, end blackening gradually occurs and at
very high values for heating the life of the lamp is gradually reduced due to high
thermal evaporation of the emitter material.
The data are shown in the table below:
I2 Pin 1 + I2Pin 2 Target = – mTarget * Id + bTarget
I2 Pin 1 + I2Pin 2 min = – mmin * Id + bmin
I2 Pin 1 + I2Pin 2 max = + mmax * Id + bmax
5. Data for control gear manufacturers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com