Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2482 Datasheet(PDF) 45 Page - OSRAM GmbH

Part # DL2482
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DL2482 Datasheet(HTML) 45 Page - OSRAM GmbH

Back Button DL2482 Datasheet HTML 41Page - OSRAM GmbH DL2482 Datasheet HTML 42Page - OSRAM GmbH DL2482 Datasheet HTML 43Page - OSRAM GmbH DL2482 Datasheet HTML 44Page - OSRAM GmbH DL2482 Datasheet HTML 45Page - OSRAM GmbH DL2482 Datasheet HTML 46Page - OSRAM GmbH DL2482 Datasheet HTML 47Page - OSRAM GmbH DL2482 Datasheet HTML 48Page - OSRAM GmbH DL2482 Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
4. Operating characteristics
44
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
100
80
60
40
20
0
0
50
100
150
200
250
300
Typical run-up behaviour of OSRAM DULUX® T/E...IN (amalgam lamps) in ECG operation
(short off time), 25 ºC ambient temperature, 230 V / 50 Hz, free-burning
100
80
60
40
20
0
0
50
100
150
200
250
300
Typical run-up behaviour of OSRAM DULUX® T/E...IN (amalgam lamps) in ECG operation
(long off time), 25 ºC ambient temperature, 230 V / 50 Hz, free-burning
Base down
Horizontal
Base up
Base down
Horizontal
Base up
Run-up time (min.)
Run-up time (min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com